Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS2T Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # ACS2T
Description  AC Switch TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

ACS2T Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  ACS2T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ORDERING INFORMATION
Note: xx = voltage, yy = sensitivity
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-92
0.2g
500
Bag
ACS2TxxE-YY
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
2
= 2A
10 = 1000V
ACS 2
T 10
Package type
AF = TO-220F(
)
insulate
AC switch
S - T
&R
Packing
Blank = Bulk
T&R = 7" Tape and Reel
ACS2T Series RoHS
RoHS
ACS2TxxF-YY
TO-251-4R(I-PAK)
0.4g
80
Tube
ACS2TxxG-YY
TO-252-4R(D-PAK)
0.38g
80
Tube
ACS2TxxAF-YY
TO-220F
2.5g
50
Tube
ACS2TxxE-YY
ACS2TxxF-YY
ACS2TxxG-YY
ACS2TxxAF-YY
E = TO-92
F = TO-251-4R (I-PAK)
G = TO-252-4R (D-PAK)
S = SOT-223
www.nellsemi.com
Page 3 of 7
ACS2TxxS-YY
SOT-223
980g
4000
7" T&R
ACS2TxxS-YY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com