Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS2T Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # ACS2T
Description  AC Switch TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

ACS2T Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  ACS2T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd ACS2T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACS2T Series RoHS
RoHS
Ⅰ
-Ⅱ-Ⅲ
MAX.
mA
Ⅰ
-Ⅱ-Ⅲ
Ⅰ
-Ⅱ-Ⅲ
MAX.
mA
Ⅱ
MIN.
QUADRANT
ACS2Txxxx
V = 12 V, R = 33Ω
D
L
V = V
, R = 3.3KΩ, T = 125°C
D
DRM
L
j
I = 100 mA
T
I = 1.2 I
G
GT
V = 67% V
, gate open, T = 125°C
D
DRM
j
V
V
mA
V/µs
UNIT
TEST CONDITIONS
SYMBOL
3 quadrants
(1)
IGT
VGT
VGD
(2)
IH
dV/dt
IL
(
T = 25 ºC unless otherwise specified)
J
ELECTRICAL CHARACTERISTICS
40
10
50
1000
1.3
I
-Ⅲ
SW
CW
MAX.
25
0.2
60
10
25
600
35
(2)
RD
MAX.
IDRM
IRRM
V = V
D
DRM
MAX.
Note 1: Minimum l is guaranted at 5% of l max.
GT
GT
Note 2: For both polarities of T2 referenced to T1.
Dynamic resistance
T = 125°C
J
T = 25°C
J
T = 125°C
J
250
10
1000
µA
STATIC CHARACTERISTICS
VALUE
TEST CONDITIONS
SYMBOL
V = V
R
RRM
STATIC CHARACTERISTICS
UNIT
VALUE
SYMBOL
(2)
VTO
MAX.
Threshold voltage
T = 125°C
J
0.90
V
(2)
VTM
MAX.
I
= 2.8A, t = 380 µs
TM
P
T = 25°C
J
1.55
mΩ
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
°
C/W
UNIT
VALUE
SYMBOL
TO-251-4R/TO-252-4R
4.5
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (xx)
SENSITIVITY
PACKAGE
TYPE
1000 V
V
ACS2TxxE-SW
3 Quadrants
10mA
TO-92
TO-92
SOT-223
TO-220F(insulate)
11.2
5.8
7.5
ACS2TxxE-CW
ACS2TxxG-SW
ACS2TxxG-CW
ACS2TxxAF-SW
ACS2TxxAF-CW
V
3 Quadrants
25mA
TO-92
V
3 Quadrants
10mA
TO-251-4R
ACS2TxxF-SW
ACS2TxxF-CW
V
3 Quadrants
25mA
V
3 Quadrants
10mA
TO-252-4R
V
3 Quadrants
25mA
TO-252-4R
V
3 Quadrants
10mA
TO-220F
V
3 Quadrants
25mA
TO-220F
www.nellsemi.com
Page 2 of 7
V
ACS2TxxS-SW
3 Quadrants
10mA
SOT-223
SOT-223
V
ACS2TxxS-CW
3 Quadrants
25mA
TO-251-4R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com