Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4441 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4441
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology LTC4441 Datasheet HTML 10Page - Linear Technology LTC4441 Datasheet HTML 11Page - Linear Technology LTC4441 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4441/LTC4441-1
44411f
8
APPLICATIO S I FOR ATIO
stability; the value of R2 can be varied to achieve the
required DRVCC voltage:
R
k
DRV
V
CC
2
406
121
=
–.
The DRVCC regulator can supply up to 100mA and is short-
circuit protected. The output must be bypassed to the
PGND pin in very close proximity to the IC pins with a
minimum of 10µF ceramic, low ESR (X5R or X7R) capaci-
tor. Good bypassing is necessary as high transient supply
currents are required by the driver. If the input supply
voltage, VIN,is close to the required gate drive voltage, this
regulator can be disabled by connecting the DRVCC and FB
pins to VIN.
The LTC4441/LTC4441-1 monitors the FB pin for DRVCC’s
UVLO condition (UVLO in Figure 1). During power-up, the
driver output is held low until the DRVCC voltage reaches
90% of the programmed value. Thereafter, if the DRVCC
voltage drops more than 20% below the programmed
value, the driver output is forced low.
Logic Input Stage
The LTC4441/LTC4441-1 driver employs TTL/CMOS com-
patible input thresholds that allow a low voltage digital
1.09V
OUT
CVCC
4441 F01
1.21V
UVLO
DRIVER
ENABLE
DRIVER
MREG
FB
R2
R1
330k
VIN
DRVCC
PGND
REG
LTC4441
Figure 1. DRVCC Regulator
signal to drive standard power MOSFETs. The LTC4441/
LTC4441-1 contains an internal voltage regulator that
biases the input buffer, allowing the input thresholds (VIH
= 2.4V, VIL = 1.4V) to be independent of the programmed
driver supply, DRVCC, or the input supply, VIN. The 1V
hysteresis between VIH and VIL eliminates false triggering
due to noise during switching transitions. However, care
should be taken to isolate this pin from any noise pickup,
especially in high frequency, high voltage applications.
The LTC4441/LTC4441-1 input buffer has high input
impedance and draws negligible input current, simplifying
the drive circuitry required for the input. This input can
withstand voltages up to 15V above and below ground.
This makes the chip more tolerant to ringing on the input
digital signal caused by parasitic inductance.
Driver Output Stage
A simplified version of the LTC4441/LTC4441-1’s driver
output stage is shown in Figure 2.
Q1
P1
DRVCC
N1
N3
DRVCC
LTC4441
PGND
OUT
CGD
VIN
POWER
MOSFET
4441 F02
LOAD
INDUCTOR
CGS
N2
RO
Figure 2. Driver Output Stage
The pull-up device is the combination of an NPN transis-
tor, Q1, and a P-channel MOSFET, P1. This provides both
the ability to swing to rail (DRVCC) and deliver large peak
charging currents.
The pull-down device is an N-channel MOSFET, N1, with
a typical on resistance of 0.35Ω. The low impedance of N1
provides fast turn-off of the external power MOSFET and
holds the power MOSFET’s gate low when its drain voltage
switches. When the power MOSFET’s gate is pulled low
(gate shorted to source through N1) by the LTC4441/
LTC4441-1, its drain voltage is pulled high by its load (e.g.,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com