Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88178L Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 12Page - ASIX Electronics Corporation AX88178L Datasheet HTML 13Page - ASIX Electronics Corporation AX88178L Datasheet HTML 14Page - ASIX Electronics Corporation AX88178L Datasheet HTML 15Page - ASIX Electronics Corporation AX88178L Datasheet HTML 16Page - ASIX Electronics Corporation AX88178L Datasheet HTML 17Page - ASIX Electronics Corporation AX88178L Datasheet HTML 18Page - ASIX Electronics Corporation AX88178L Datasheet HTML 19Page - ASIX Electronics Corporation AX88178L Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ASIX ELECTRONICS CORPORATION
16
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1
Detailed Register Description
6.2.1.1 Rx/Tx SRAM Read Register (02h, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
Reserved
B [3:0]
0h
C [3:0]
DD [7:0] in Data stage
EE [7:0] in Data stage
FF [7:0] in Data stage
GG [7:0] in Data stage
HH [7:0] in Data stage
II [7:0] in Data stage
JJ [7:0] in Data stage
KK [7:0] in Data stage
{B [3:0], AA [7:0]}: The read address of RX or TX SRAM.
C [0]: RAM selection.
0: indicates to read from RX SRAM.
1: indicates to read from TX SRAM.
C [3:1]: Reserved.
{DD [7:0], EE [7:0], FF [7:0], GG [7:0], HH [7:0], II [7:0], JJ [7:0], KK [7:0]}: The 64-bits of data presented in Data
stage are the data to be written to RX or TX SRAM.
6.2.1.2 Rx/Tx SRAM Write Register (03h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
Reserved
B [3:0]
Reserved
C [3:0]
DD [7:0] in Data stage
EE [7:0] in Data stage
FF [7:0] in Data stage
GG [7:0] in Data stage
HH [7:0] in Data stage
II [7:0] in Data stage
JJ [7:0] in Data stage
KK [7:0] in Data stage
{B [3:0], AA [7:0]}: The write address of RX or TX SRAM.
C [0]: RAM selection.
0: indicates to write to RX SRAM.
1: indicates to write to TX SRAM.
C [3:1]: Reserved.
{DD [7:0], EE [7:0], FF [7:0], GG [7:0], HH [7:0], II [7:0], JJ [7:0], KK [7:0]}: The 64-bits of data presented in Data
stage are the data to be written to RX or TX SRAM.
6.2.1.3 Software Serial Management Control Register (06h, write only)
When software needs to access to Ethernet PHY’s internal registers, one has to first issue this command to request the
ownership of Serial Management Interface. The ownership status of the interface can be retrieved from Serial
Management Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com