Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88178L Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88178L Datasheet HTML 1Page - ASIX Electronics Corporation AX88178L Datasheet HTML 2Page - ASIX Electronics Corporation AX88178L Datasheet HTML 3Page - ASIX Electronics Corporation AX88178L Datasheet HTML 4Page - ASIX Electronics Corporation AX88178L Datasheet HTML 5Page - ASIX Electronics Corporation AX88178L Datasheet HTML 6Page - ASIX Electronics Corporation AX88178L Datasheet HTML 7Page - ASIX Electronics Corporation AX88178L Datasheet HTML 8Page - ASIX Electronics Corporation AX88178L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ASIX ELECTRONICS CORPORATION
Released Date: 4/16/2004
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
Features
•
Single chip USB to 10/100/1000 Gigabit Ethernet
and HomePNA and HomePlug Network Controller
•
USB specification 1.0 and 1.1 and 2.0 compliant
•
Supports USB Full and High Speed modes with
Bus power capability
•
Supports 4 endpoints on USB interface
•
High performance packet transfer rate over USB
bus using proprietary burst transfer mechanism
(submitted for US patent application)
•
IEEE 802.3, 802.3u, and 802.3ab (10BASE-T,
100BASE-TX, and 1000BASE-T) compatible
•
Embedded 20KB SRAM for RX packet buffering
and 20KB SRAM for TX packet buffering
•
Supports
both
full-duplex
and
half-duplex
operation in Fast Ethernet
•
Provides MII/GMII/RGMII interfaces for Ethernet
PHY interface and MII interface for HomePNA/
HomePlug PHY interface
•
Supports Jumbo packet of up to 9KB
•
Supports Suspend mode and Remote Wakeup via
Link-up, Magic packet, or external pin
•
Optional PHY power down during Suspend mode
•
Supports 256/512 bytes (93c56/93c66) of serial
EEPROM (for storing USB Descriptors)
•
Supports automatic loading of Ethernet ID, USB
Descriptors
and
Adapter
Configuration
from
EEPROM after power-on initialization
•
External PHY loop-back diagnostic capability
•
Integrates on-chip 3.3V to 2.5V voltage regulator
and requires only single power supply: 3.3V
•
Small form factor with 128-pin LQFP package
•
12MHz clock input from either crystal or oscillator
source
*IEEE is a registered trademark of the Institute of Electrical and
Electronic Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product Description
The AX88178 USB to 10/100/1000 Gigabit Ethernet/HomePNA/HomePlug controller is a high performance and highly
integrated ASIC with embedded 40KB SRAM for packet buffering. It enables low cost and affordable Gigabit Ethernet
network connection to desktop and notebook PC using popular USB ports that are built-in to many PC today. It has an
USB interface to communicate with USB host controller and is compliant with USB specification V1.0, V1.1 and V2.0. It
implements 10/100/1000Mbps Ethernet LAN function based on IEEE802.3, IEEE802.3u, IEEE802.3ab standards or
HomePNA standard. It supports media-independent interface (MII) to simplify the design on implementing Fast Ethernet
and HomePNA functions. It also provides gigabit media-independent (GMII) and reduced gigabit media-independent
(RGMII) interface for interfacing with Gigabit Ethernet PHY.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88178
10/100/1000 Gigabit Ethernet PHY
Magnetic
RJ45
USB I/F
EEPROM
1/10 Mbps Home LAN PHY
Magnetic
RJ11
Document No: AX88178-02/4/20/2004


Similar Part No. - AX88178L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88178A ASIX-AX88178A Datasheet
865Kb / 15P
AX88178A Product Introduction
More results

Similar Description - AX88178L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88172L ASIX-AX88172L Datasheet
229Kb / 28P
USB to Fast Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88772 ASIX-AX88772 Datasheet
878Kb / 42P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88170L ASIX-AX88170L Datasheet
316Kb / 39P
USB to Fast Ethernet/HomePNA Controller
AX88772 ASIX-AX88772_07 Datasheet
427Kb / 43P
USB to 10/100 Fast Ethernet/HomePNA Controller
AX88179 ASIX-AX88179 Datasheet
271Kb / 2P
USB 3.0 tp 10/100/1000M Gigabit Ethernet Controller
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
Infineon Technologies A...
ADM8511 INFINEON-ADM8511 Datasheet
7Mb / 109P
USB/Fast Ethernet/HomePNA Controller
Data Sheet, Rev. 2.03, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com