Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88178 Datasheet(PDF) 3 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 3 Page - ASIX Electronics Corporation

  AX88178 Datasheet HTML 1Page - ASIX Electronics Corporation AX88178 Datasheet HTML 2Page - ASIX Electronics Corporation AX88178 Datasheet HTML 3Page - ASIX Electronics Corporation AX88178 Datasheet HTML 4Page - ASIX Electronics Corporation AX88178 Datasheet HTML 5Page - ASIX Electronics Corporation AX88178 Datasheet HTML 6Page - ASIX Electronics Corporation AX88178 Datasheet HTML 7Page - ASIX Electronics Corporation AX88178 Datasheet HTML 8Page - ASIX Electronics Corporation AX88178 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ASIX ELECTRONICS CORPORATION
3
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
1.0 Introduction
1.1 General Description
The AX88178 USB to 10/100/1000 Gigabit Ethernet/HomePNA/HomePlug controller is a high performance and highly
integrated ASIC with embedded 40KB SRAM for packet buffering. It enables low cost and affordable Gigabit Ethernet
network connection to desktop and notebook PC using popular USB ports that are built-in to many PC today. It has an
USB interface to communicate with USB host controller and is compliant with USB specification V1.0, V1.1 and V2.0. It
implements 10/100/1000Mbps Ethernet LAN function based on IEEE802.3, IEEE802.3u, IEEE802.3ab standards or
HomePNA standard. It supports media-independent interface (MII) to simplify the design on implementing Fast Ethernet
and HomePNA functions. It also provides gigabit media-independent (GMII) and reduced gigabit media-independent
(RGMII) interface for interfacing with Gigabit Ethernet PHY.
The AX88178 needs 12MHz clock for USB operation and 125MHz clock for Gigabit Ethernet operation. It is in 128-pin
LQFP low profile package with CMOS process and requires only single 3.3V power supply to operate.
1.2 AX88178 Block Diagram
Figure 1: AX88178 Block Diagram
GPIO2~0
Gigabit
MAC
Core
Memory Arbiter
USB to
Ethernet
Bridge
USB Core and Interface
STA
SEEPROM
Loader I/F
DP/DM
DPRS/DMRS
MII/GMII/RGMII
I/F
MDC
MDIO
EECS
EECK
EEDI
EEDO
40KB
SRAM
General
Purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com