Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88178 Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 4Page - ASIX Electronics Corporation AX88178 Datasheet HTML 5Page - ASIX Electronics Corporation AX88178 Datasheet HTML 6Page - ASIX Electronics Corporation AX88178 Datasheet HTML 7Page - ASIX Electronics Corporation AX88178 Datasheet HTML 8Page - ASIX Electronics Corporation AX88178 Datasheet HTML 9Page - ASIX Electronics Corporation AX88178 Datasheet HTML 10Page - ASIX Electronics Corporation AX88178 Datasheet HTML 11Page - ASIX Electronics Corporation AX88178 Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ASIX ELECTRONICS CORPORATION
8
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
3.0 Function Description
3.1 USB Core and Interface
The USB core and interface contains an USB 2.0 transceiver, serial interface engine (SIE), USB bus protocol
handshaking block, USB standard command, vendor command registers, logic for supporting bulk transfer, and interrupt
transfer, etc. The USB interface is used to communicate with USB host controller and is compliant with USB
specification V1.0, V1.1 and V2.0.
3.2 Gigabit MAC Core
The gigabit MAC core supports IEEE 802.3, 802.3u, and 802.3ab MAC sub-layer functions, such as basic MAC frame
receive and transmit, CRC checking and generation, filtering, forwarding, flow-control in full-duplex mode, and
collision-detection and handling in half-duplex mode, etc. It provides gigabit media-independent (GMII) and reduced
gigabit media-independent (RGMII) interface for interfacing with Gigabit Ethernet PHY.
3.3 Station Management (STA)
The station management interface provides a simple, two-wire, serial interface to connect to a managed PHY device for
the purposes of controlling the PHY and gathering status from the PHY. The station management interface allows
communicating with multiple PHY devices at the same time by identifying the managed PHY with 5-bit, unique Phy ID.
3.4 Memory Arbiter
The memory arbiter block is responsible for storing received MAC frames into on-chip SRAM (packet buffer) and then
forwarding to USB bus upon request from USB host via bulk in transfer. It also monitors packet buffer usage in
full-duplex mode for triggering PAUSE frame transmission out on TX direction. The memory arbiter block is also
responsible for storing MAC frames received from USB host via bulk out transfer and waiting to be transmitted out
towards Ethernet network.
3.5 USB to Ethernet Bridge
The USB to Ethernet bridge block is responsible for converting Ethernet MAC frame into USB packets or vice-versa.
This block supports proprietary burst transfer mechanism (submitted for US patent application) to offload software
burden and to offer very high packet transfer throughput over USB bus.
3.6 Serial EEPROM Loader
The serial EEPROM loader is responsible for reading configuration data automatically from external serial EEPROM
after power-on reset.
3.7 General Purpose I/O
There are 3 general purpose I/O pins provided by this ASIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com