Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416273 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM5416273
Description  262,144-Word x 16-Bit Multiport DRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416273 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM5416273 Datasheet HTML 32Page - OKI electronic componets MSM5416273 Datasheet HTML 33Page - OKI electronic componets MSM5416273 Datasheet HTML 34Page - OKI electronic componets MSM5416273 Datasheet HTML 35Page - OKI electronic componets MSM5416273 Datasheet HTML 36Page - OKI electronic componets MSM5416273 Datasheet HTML 37Page - OKI electronic componets MSM5416273 Datasheet HTML 38Page - OKI electronic componets MSM5416273 Datasheet HTML 39Page - OKI electronic componets MSM5416273 Datasheet HTML 40Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
¡ Semiconductor
MSM5416273
39/40
SAM Stop Set Cycle (CBRS): RAS falling edge --- CAS = "L", WE = "L", DSF = "H"
SAM stop location data (boundaries) are latched from address inputs at the falling edge of RAS.
To determine the boundary A4 - A7 are used, and A0 - A3, and A8 are ignored.
Once the CBRS is executed, the programmable SAM stop operation continues until CBRR.
SAM Stop Boundary Table
Number of Stop Points
1
2
4
8
16
Address
A4
1
1
1
1
0
A5
1
1
1
0
X
A6
1
1
0
X
X
A7
1
0
X
X
X
256
128
64
32
16
Size of Partition
Register Reset Cycle (CBRR): RAS falling edge --- CAS = "L", WE = "H", DSF = "L"
A CBRR can reset the programmable SAM stop operation, and persistent mask write operation.
The CBRR will take effect immediately; it doesn’t require a split transfer cycle.
POWER UP
Power must be applied to the RAS and TRG input signals to pull them "high" before, or at the
same time as, the VCC supply is turned on. After power-up, a pause of 200 ms minimum is
required with RAS and TRG held "high". After the pause, a minimum of 8 RAS and 8 SC dummy
cycles must be performed to stabilize the internal circuitry, before valid read, write or transfer
operations can begin. During the initialization period, the TRG signal must be held "high". If the
internal refresh counter is used, a minimum 8 CAS before RAS cycles are required instead of 8
RAS cycles.
(NOTE) INITIAL STATE AFTER POWER UP
The initial state can not be guaranteed for various power up conditions and input signal levels.
Therefore, it is recommended that the initial state be set (ex. Perform a CBRR cycle to select Non
Persistent Write-per-bit mode) after the initialization of the device is performed and before valid
operations begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com