Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416273 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5416273
Description  262,144-Word x 16-Bit Multiport DRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416273 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5416273 Datasheet HTML 1Page - OKI electronic componets MSM5416273 Datasheet HTML 2Page - OKI electronic componets MSM5416273 Datasheet HTML 3Page - OKI electronic componets MSM5416273 Datasheet HTML 4Page - OKI electronic componets MSM5416273 Datasheet HTML 5Page - OKI electronic componets MSM5416273 Datasheet HTML 6Page - OKI electronic componets MSM5416273 Datasheet HTML 7Page - OKI electronic componets MSM5416273 Datasheet HTML 8Page - OKI electronic componets MSM5416273 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
¡ Semiconductor
MSM5416273
1/40
¡ Semiconductor
MSM5416273
262,144-Word
¥ 16-Bit Multiport DRAM
DESCRIPTION
The MSM5416273 is a 4-Mbit CMOS multiport DRAM composed of a 262,144-word by 16-bit
dynamic RAM, and a 512-word by 16-bit SAM. Its RAM and SAM operate independently and
asynchronously.
It supports three types of operations: random access to RAM port, high speed serial access to
SAM port, and bidirectional transfer of data between any selected row in the RAM port and the
SAM port. In addition to the conventional multiport DRAM operating modes, the MSM5416273
features block write, flash write functions, extended page mode on the RAM port, a split data
transfer capability, and programmable stops on the SAM port. The SAM port requires no refresh
operation because it uses static CMOS flip-flops.
FEATURES
• Single power supply: 5 V
±10%
• Full TTL compatibility
• Multiport organization
RAM : 256K word ¥ 16 bits
SAM : 512 word ¥ 16 bits
• Extended page mode
• Write per bit
• Persistent write per bit
• Byte read/write
• Masked flash write
• Masked block write (8 columns)
• Package:
64-pin 525 mil plastic SSOP
(SSOP64-P-525-0.80-K)
(Product : MSM5416273-xxGS-K)
xx indicates speed rank.
PRODUCT FAMILY
• RAS only refresh
• CAS before RAS refresh
• Hidden refresh
• Serial read/write
• 512 tap location
• Programmable stops
• Bidirectional data transfer
• Split transfer
• Masked write transfer
• Refresh: 512 cycles/8 ms
Access Time
Cycle Time
Power Dissipation
RAM
RAM
Operating
Standby
SAM
SAM
50 ns
110 ns
180 mA
8 mA
17 ns
20 ns
60 ns
120 ns
170 mA
8 mA
18 ns
22 ns
70 ns
140 ns
160 mA
8 mA
20 ns
22 ns
Family
MSM5416273-50
MSM5416273-60
MSM5416273-70
E2L0021-17-Y1
This version: Jan. 1998
Previous version: Dec. 1996


Similar Part No. - MSM5416273

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
More results

Similar Description - MSM5416273

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
262,144-Word x 16-Bit Multiport DRAM
MSM5416283 OKI-MSM5416283 Datasheet
391Kb / 40P
262,144-Word x 16-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16273 OKI-MSM54V16273 Datasheet
389Kb / 42P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
262,144-Word x 16-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com