Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4POSTRAILKITWM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # 4POSTRAILKITWM
Description  4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

4POSTRAILKITWM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  4POSTRAILKITWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 4POSTRAILKITWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Threaded-hole rack installation supported with user-supplied hardware
q
OVERVIEW
UPC Code
037332206374
PHYSICAL
Shipping Dimensions (hwd / in.)
2.20 x 1.90 x 21.30
Shipping Dimensions (hwd / cm)
5.59 x 4.83 x 54.10
Shipping Weight (lbs.)
3.00
Shipping Weight (kg)
1.36
Unit Dimensions (hwd / in.)
1.72 x 1.49 x 14.5-23.5
Unit Dimensions (hwd / cm)
4.37 x 3.78 x 36.83-59.69
Unit Weight (lbs.)
2.6
Unit Weight (kg)
1.18
Color
Silver
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com