Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4POSTRAILKITWM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 4POSTRAILKITWM
Description  4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

4POSTRAILKITWM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  4POSTRAILKITWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 4POSTRAILKITWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Post 1U Universal Adjustable Rack-Mount
Shelf Kit for Wall-Mount Racks
MODEL NUMBER: 4POSTRAILKITWM
Rack rail kit adds 2 adjustable shelves to the mounting rails of a 19 in. 4-post wall-mount enclosure to
support heavy UPS systems and other pieces of network or power protection equipment.
Description
The 4POSTRAILKITWM wall-mount rack shelf kit provides extra support for heavy UPS systems, PDUs or
other rack-mount components that weigh 150 pounds or less. It includes two adjustable mounting rails
that attach to the mounting rails of your EIA-standard 19-inch wall-mount enclosure. Constructed using
cold-rolled steel with a durable powder-coated finish, this heavy-duty rack rail kit comes with mounting
hardware compatible with square-hole racks.
The rails offer front-to-rear support for equipment with 17.5-inch-wide rectangular chassis. They also
adjust to any setting between 14.5 and 23.5 inches and leave the rack’s front and rear mounting holes
free to attach equipment. Setup is hassle-free and saves money and time on installation. Threaded-hole
rack installation is also supported with user-supplied mounting hardware.
Features
Additional Rack-Mount Shelf for Your Wall-Mount Rack
1U rack rail kit with maximum load capacity of 150 lb.
q
Compatible with 19 in. wall-mount open frame racks and enclosures
q
Expandable support rails offer front-to-rear support for equipment with 17.5 in. rectangular chassis
q
Rails adjust to any setting between 14.5 and 23.5 in.
q
Leaves front and rear mounting holes free for equipment
q
Heavy-Duty Construction with Versatile Mounting Options
Cold-rolled steel construction with powder-coated finish designed for long life
q
Mounting hardware included for quick installation in square-hole rack
q
Highlights
1U rack rail kit with maximum
load capacity of 150 lb.
q
Compatible with mounting
depths of 14.5–23.5 in.
q
Leaves front and rear mounting
holes free for equipment
q
Made from cold-rolled steel with
powder-coated finish
q
Mounting hardware included for
installation in square-hole rack
q
Package Includes
Left rail piece, short
q
Left rail piece, long
q
Right rail piece, short
q
Left rail piece, long
q
(12) M6 screws
q
(12) M6 washers
q
Owner’s manual
q
1 / 2


Similar Part No. - 4POSTRAILKITWM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
More results

Similar Description - 4POSTRAILKITWM

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20P LUMINIS-SPT20P Datasheet
204Kb / 3P
Wall / post mount
SPT25 LUMINIS-SPT25 Datasheet
211Kb / 3P
Wall / post mount
SPT25P LUMINIS-SPT25P Datasheet
211Kb / 3P
Wall / post mount
SPT50 LUMINIS-SPT50 Datasheet
207Kb / 3P
Wall / post mount
logo
Bud Industries, Inc.
SA-1748 BUD-SA-1748 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
SRBRUSHWM TRIPPLITE-SRBRUSHWM Datasheet
494Kb / 2P
SmartRack Brush Strip Plate for Wall-Mount Racks
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com