Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA947GG Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # TA947GG
Description  SAW Filter 947.5 MHz For GSM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA947GG Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  TA947GG Datasheet HTML 1Page - Golledge Electronics Ltd TA947GG Datasheet HTML 2Page - Golledge Electronics Ltd TA947GG Datasheet HTML 3Page - Golledge Electronics Ltd TA947GG Datasheet HTML 4Page - Golledge Electronics Ltd TA947GG Datasheet HTML 5Page - Golledge Electronics Ltd TA947GG Datasheet HTML 6Page - Golledge Electronics Ltd TA947GG Datasheet HTML 7Page - Golledge Electronics Ltd TA947GG Datasheet HTML 8Page - Golledge Electronics Ltd TA947GG Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 947.5 MHz For GSM
Model: TA947GG
Part No: MA04712
REV. NO.: 5
TA947GG v5
3
passband response:
-7
-6
-5
-4
-3
-2
-1
922. 5
935
947. 5
960
972. 5
2. VSRW:
S11
1
2
3
922. 5
935
947. 5
960
972. 5
S22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com