Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA947GG Datasheet(PDF) 7 Page - Golledge Electronics Ltd

Part # TA947GG
Description  SAW Filter 947.5 MHz For GSM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA947GG Datasheet(HTML) 7 Page - Golledge Electronics Ltd

  TA947GG Datasheet HTML 1Page - Golledge Electronics Ltd TA947GG Datasheet HTML 2Page - Golledge Electronics Ltd TA947GG Datasheet HTML 3Page - Golledge Electronics Ltd TA947GG Datasheet HTML 4Page - Golledge Electronics Ltd TA947GG Datasheet HTML 5Page - Golledge Electronics Ltd TA947GG Datasheet HTML 6Page - Golledge Electronics Ltd TA947GG Datasheet HTML 7Page - Golledge Electronics Ltd TA947GG Datasheet HTML 8Page - Golledge Electronics Ltd TA947GG Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 947.5 MHz For GSM
Model: TA947GG
Part No: MA04712
REV. NO.: 5
TA947GG v5
7
F. MECHANICAL & ENVIRONMENTAL CHARACTERISTICS:
Test Item
Condition of Test
Requirements
Shock ( Drop test )
random free drops 3 times from height of
1.0 meter onto hardwood board.
The specimens shall
meet the electrical
specifications
Vibration
Total peak amplitude : 1.5mm
Vibration frequency : 10 to 55 Hz
Sweep period
: 1.0 minute
Vibration directions : 3 mutually
perpendicular
Duration
: 2 hr / direc.
Solderability
( solder heat )
immersed pad in soldering bath at
245±5°C for 5±0.5 seconds.
75% or more of the
immersed surface shall
be covered with solder
Temperature
Characteristics
Specimens shall be measured within
-30°C to +85°C temperature range
The specimens shall
meet the electrical
specifications
Dry heat
( Aging test )
Temperature : 125 ± 2 °C
Duration
: 250 hours
Cold resistance
Temperature : -40 ± 3 °C
Duration
: 96 hours
Thermal Shock
Heat cycle conditions
-55 C
25 C
85 C
(30 min)
(5 min)
(30 min)
Cycle time : 5 times



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com