Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07470 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MA07470
Description  SAW Filter 479.50MHz (Two channel)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07470 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MA07470 Datasheet HTML 1Page - Golledge Electronics Ltd MA07470 Datasheet HTML 2Page - Golledge Electronics Ltd MA07470 Datasheet HTML 3Page - Golledge Electronics Ltd MA07470 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 479.50MHz (Two channel)
Model: TE0103A
Part No: MA07470
REV. NO.: 1
TE0103A v1
3
E. FREQUENCY CHARACTERISTICS OF CHANNEL 2:
(1) Frequency Response:
S21
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
430 440 450 460 470 480 490 500 510 520 530
Freq.(MHz)
(2) Amplitude ripple & Group Delay:
PASSBAND
-28
-27
-26
-25
-24
-23
-22
-21
-20
-19
-18
460
465
470
475
480
485
490
495
500
Freq.(MHz)
190
200
210
220
230
240
250
260
270
280
290



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com