Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07470 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07470
Description  SAW Filter 479.50MHz (Two channel)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07470 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07470 Datasheet HTML 1Page - Golledge Electronics Ltd MA07470 Datasheet HTML 2Page - Golledge Electronics Ltd MA07470 Datasheet HTML 3Page - Golledge Electronics Ltd MA07470 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 479.50MHz (Two channel)
Model: TE0103A
Part No: MA07470
REV. NO.: 1
TE0103A v1
1
A. MAXIMUM RATING:
1. AC Voltage Vac: 5V
2. Operating Temperature: -25°C to 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS OF CHANNEL 1:
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
479.5
-
Insertion Loss, IL at Fc
dB
-
21.8
23.5
Passband width, BW3
MHz
26
27
28
Amplitude Ripple in Fc±8.5MHz
dB
-
0.6
1.0
Group delay ripple in Fc±13.5MHz
nS
-
18
28
Attenuation:(Reference level from IL)
Fc –13.5MHz
dB
-
3.2
4.5
Fc +13.5MHz
dB
-
2.4
4.5
Fc -50 to –27.5MHz
dB
36
43
-
Fc +27.5 to +50MHz
dB
34
42
-
Temperature coefficient of frequency
ppm/°C
-
-86
-
C. ELECTRICAL CHARACTERISTICS OF CHANNEL 2:
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
479.5
-
Insertion Loss, IL at Fc
dB
-
21.4
23
Passband width, BW3
MHz
17
18
19
Amplitude Ripple in Fc±3.5MHz
dB
-
0.4
0.8
Group delay ripple in Fc±9MHz
nS
-
12
22
Attenuation:(Reference level from IL)
Fc –9MHz
dB
-
3.5
4.5
Fc +9MHz
dB
-
2.5
4.5
Fc -50 to –22MHz
dB
36
44
-
Fc +21 to +50MHz
dB
34
42
-
Temperature coefficient of frequency
ppm/°C
-
-86
-


Similar Part No. - MA07470

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07479 GOLLEDGE-MA07479 Datasheet
116Kb / 4P
SAW Filter 408.50MHz
More results

Similar Description - MA07470

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-DR2 ECS-ECS-DR2 Datasheet
185Kb / 1P
TWO-PORT 180째 SAW RESONATOR
logo
Oscilent Corporation
641-384.05M OSCILENT-641-384.05M Datasheet
139Kb / 3P
Two-Port 180째 SAW
643-418.0M OSCILENT-643-418.0M Datasheet
124Kb / 2P
Two-Port SAW
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
641 OSCILENT-641 Datasheet
139Kb / 3P
Two-Port 180째 SAW
643 OSCILENT-643 Datasheet
124Kb / 2P
Two-Port SAW
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Infineon Technologies A...
PSB2132 INFINEON-PSB2132 Datasheet
1Mb / 69P
Two Channel Codec Filter for Terminal Application
2001-02-20 DS 1
logo
Golledge Electronics Lt...
MA06392 GOLLEDGE-MA06392 Datasheet
237Kb / 5P
SAW Filter 479.50MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com