Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB2132 Datasheet (PDF) - Infineon Technologies AG

PSB2132 Datasheet PDF - Infineon Technologies AG
Part # PSB2132
Download  PSB2132 Download
File Size   1497.25 Kbytes
Page   69 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Two Channel Codec Filter for Terminal Application

PSB2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB2132 Datasheet PDF - Infineon Technologies AG

Part # PSB2132
Download  PSB2132 Click to download

File Size   1497.25 Kbytes
Page   69 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Two Channel Codec Filter for Terminal Application

PSB2132 Datasheet (HTML) - Infineon Technologies AG


PSB2132 Product details

Two Channel Codec Filter for Terminal Applications SICOFI®2-TE
Four Channel Codec Filter for Terminal Applications SICOFI®4-TE

Overview
The Signal Processing Codec Filter for terminal applications PSB 2132/4 SICOFI2/4-TE is a special derivative of the SIEMENS programmable codec-filter-IC family designed for terminal applications featuring two or four POTS interfaces.
It can be directly connected to the IOM-2 interface in terminal mode running at 1.536 MHz clock rate. PCM data is transfered using the bit clock signal at 768 kHz.
Programming of internal registers is done via the serial microcontroller interface.

Features
• Single chip programmable CODEC and FILTER to
   handle two or four POTS interfaces
• IOM-2 compatible interface (1.536 MHz DCL, 768
   kHz Bit clock)
• Internal communication between POTS interfaces
• Programmable I/O lines for signaling information per
   channel
• Programmable ring generator output
• Two programmable tone generators per channel
• Serial microcontroller interface
• Digital signal processing technique
• High analog driving capability (300 Ω) for direct
   driving of transformers
• Programmable digital filters to adapt the transmission behaviour especially for
   – AC impedance matching
   – transhybrid balancing
   – frequency response
   – gain
   – A/µ-law conversion
• Single 5 V power supply
• Low power 0.9 µm analog CMOS technology
• Advanced test capabilities
• P-MQFP-64 package




Similar Part No. - PSB2132

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2132 SIEMENS-PSB2132 Datasheet
2Mb / 95P
Two Channel Codec Filter for Terminal Applications SICOFI2-TE
More results


Similar Description - PSB2132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
Four Channel Codec Filter
PSB2132 SIEMENS-PSB2132 Datasheet
2Mb / 95P
Two Channel Codec Filter for Terminal Applications SICOFI2-TE
PEB2265 SIEMENS-PEB2265 Datasheet
876Kb / 77P
Two Channel Codec Filter with IOM짰-2 Interface (IOM짰-2 - SICOFI짰-2)
logo
Texas Instruments
TPD2F702 TI-TPD2F702 Datasheet
166Kb / 6P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702_101 TI-TPD2F702_101 Datasheet
393Kb / 9P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
logo
Golledge Electronics Lt...
MA07470 GOLLEDGE-MA07470 Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
logo
Realtek Semiconductor C...
ALC5651 REALTEK-ALC5651 Datasheet
1Mb / 134P
Ultra-Low Power Two-Channel Audio CODEC
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com