Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTEL2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DTEL2
Description  DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DTEL2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DTEL2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DTEL2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DTEL2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
INPUT
Nominal Input Voltage(s) Supported
120V AC; 230V AC
Recommended Electrical Service
120V, 230V
Input Cord Length (ft.)
0
Input Cord Length (m)
0.00
Input Plug Type
RJ11; RJ45
Right-Angle Plug
No
Integrated Cord Clip
No
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED(s)
No
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
0
Clamping Voltage (RMS)
260
Auto Shut-Off
No
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
Additional Dataline Protection
4,5 & 3,6 pairs
PHYSICAL
Shipping Dimensions (hwd / in.)
5.20 x 3.00 x 2.10
Shipping Dimensions (hwd / cm)
13.21 x 7.62 x 5.33
Shipping Weight (lbs.)
0.20
Shipping Weight (kg)
0.09
Integrated Keyhole Mounting Slots
No
Color
Beige
Anti-Microbial Protected
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com