Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTEL2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DTEL2
Description  DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DTEL2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DTEL2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DTEL2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DTEL2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
DataShield In-Line Surge Protector for Network
and Phone Lines, 2-Line RJ11/RJ45
MODEL NUMBER: DTEL2
Your network/phone line is vulnerable to surges and power problems. These connections provide one
more entry-way for transient surges to damage your equipment. Seal off your equipment from potential
damage by stopping transient surges with the DataShield™ DTEL2 Network Surge Suppressor. It protects
up to 2 network or phone lines, modems, fax machines and answering machines against damage from
lightning, electrostatic discharge and ground surges.
Description
Tripp Lite's DTEL2 surge suppressor is designed to protect data and communications equipment against
AC transients caused by lightning, electrostatic discharge and ground surges that can enter equipment
from the signal lines or chassis ground. The DTEL2 features RJ45/RJ11 plugs for modems, telephone
lines and answering or fax machines.
Features
Protects against the effects of electrostatic discharge, faulty wiring and lightning
q
Comes with RJ11 telephone patch cable
q
Highlights
RJ11/RJ45 2-line dial-up surge
protector
q
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
q
Package Includes
DTEL2 dataline protector
q
5-in. RJ11 telephone patch
cable
q
Warranty information and
instruction manual
q
OVERVIEW
UPC Code
037332010865
OUTPUT
Output Receptacles
(1) Network
Circuit Breaker (amps)
250
Right-Angle Outlets
No
1 / 3


Similar Part No. - DTEL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
More results

Similar Description - DTEL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DNET1 ETC2-DNET1 Datasheet
465Kb / 3P
RJ45 Network Surge Suppressor for Network/Phone Lines
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
B110-SP-10G TRIPPLITE-B110-SP-10G Datasheet
45Kb / 4P
In-Line Network Surge Protector - 10 Gbps, Cat6a/8, Metal Case, IEC Compliant, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com