Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA0840AS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBA0840AS
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA0840AS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBA0840AS Datasheet HTML 1Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 2Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 3Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 4Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSBA0820AS / SBA0830AS / SBA0840AS
June 21,2018-REV.00
Page 1
EXTREME LOW VF SCHOTTKY RECTIFIER
Voltage
20-40 V
Current
0.8 A
SOD-123
Features
Ultra low forward voltage, low power loss
Fast switching speed
Surface mount package
Lead free in compliance with EU RoHS 2.0
Green molding compound as per IEC 61249 standard
Applications
Low voltage rectification
Reverse polarity protection
Low power consumption applications
Mechanical Data
Case: Molded plastic, SOD-123
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.00037 ounces, 0.0104 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on a FR4 PCB, single-sided copper, with 100cm² copper pad area.
3. Short duration pulse test used to minimize self-heating effect.
Maximum Ratings (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
SBA0820AS
SBA0830AS
SBA0840AS
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum rms voltage
VRMS
14
21
28
V
Maximum dc blocking voltage
VR
20
30
40
V
Maximum average forward rectified current
IF(AV)
0.8
A
Peak forward surge current: 8.3ms single half sine-
wave Superimposed on rated load
IFSM
2
A
Typical thermal resistance
RθJC
(2)
RθJA
(1)
100
510
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC
Electrical Characteristics
PARAMETER
SYMBOL
TEST CONDITION
SBA0820AS
SBA0830AS
SBA0840AS
UNIT
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Forward voltage
VF
IF = 10mA
IF = 100mA
IF = 800mA
TJ =25
oC
0.24
0.32
-
-
-
0.55
0.25
0.33
-
-
-
0.6
0.26
0.35
-
-
-
0.7
V
IF = 10mA
IF = 100mA
TJ =125
oC
0.13
0.23
-
-
0.13
0.24
-
-
0.15
0.29
-
-
V
Reverse current
IR
(3)
VR = 10V
VR = 20V
VR = 30V
VR = 40V
TJ=25
oC
4.6
-
-
-
-
100
-
-
4
9
-
-
-
-
100
-
1.3
1.9
3.1
-
-
-
-
50
A
VR = 20V
VR = 30V
VR = 40V
TJ =125
oC
1.7
-
-
-
-
-
1.4
3.5
-
-
-
-
0.5
0.8
1.3
-
-
-
mA


Similar Part No. - SBA0840AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA0840AS-AU PANJIT-SBA0840AS-AU Datasheet
205Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0840AS-AU_R1_000A1 PANJIT-SBA0840AS-AU_R1_000A1 Datasheet
205Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBA0840AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR25UF-AU PANJIT-SR25UF-AU Datasheet
129Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AL PANJIT-SBA320AL Datasheet
289Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBT3100XSS PANJIT-SBT3100XSS Datasheet
188Kb / 4P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AF PANJIT-SBA320AF_16 Datasheet
298Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH PANJIT-SBA320AH Datasheet
292Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AL PANJIT-SBA320AL_16 Datasheet
293Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA520AF PANJIT-SBA520AF_17 Datasheet
288Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520Q-AU PANJIT-SBA0520Q-AU Datasheet
167Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520CA PANJIT-SBA0520CA Datasheet
229Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH-AU PANJIT-SBA320AH-AU Datasheet
186Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
February 6,2018-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com