Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA0840AS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SBA0840AS
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA0840AS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SBA0840AS Datasheet HTML 1Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 2Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 3Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 4Page - Pan Jit International Inc. SBA0840AS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PSBA0820AS / SBA0830AS / SBA0840AS
June 21,2018-REV.00
Page 3
Fig.7 Typical Forward Characteristics
Fig.8 Typical Forward Characteristics
Fig.9 Operating Temperature Derating Curve
0.01
0.1
1
0
0.15
0.3
0.45
0.6
V
F, Forward Voltage (V)
T
J = 125°C
T
J = 25°C
T
J = 100°C
T
J = 150°C
30V
0.01
0.1
1
0
0.15
0.3
0.45
0.6
V
F, Forward Voltage (V)
T
J = 125°C
T
J = 25°C
T
J = 100°C
T
J = 150°C
40V
0
20
40
60
80
100
120
0
25
50
75
100
125
150
T
J, Junction Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com