Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1421 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F1421
Description  RF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1421 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F1421 Datasheet HTML 7Page - Integrated Device Technology F1421 Datasheet HTML 8Page - Integrated Device Technology F1421 Datasheet HTML 9Page - Integrated Device Technology F1421 Datasheet HTML 10Page - Integrated Device Technology F1421 Datasheet HTML 11Page - Integrated Device Technology F1421 Datasheet HTML 12Page - Integrated Device Technology F1421 Datasheet HTML 13Page - Integrated Device Technology F1421 Datasheet HTML 14Page - Integrated Device Technology F1421 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2018 Integrated Device Technology, Inc.
11
Rev O May 11, 2018
F1421 Datasheet
Table 6.
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1
2
2.2pF ±0.1, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H2N20J
Murata
C4
2
4.0pF ±0.1, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H470J
Murata
C7
1
2pF ±0.1pF, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H2R0B
Murata
C8
1
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C9
1
0.1µF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
Murata
C10
1
10µF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
Murata
R1
1
1.87k
Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2001X
Panasonic
R2
1
5.11
kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF3401X
Panasonic
R3
1
1kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1001X
Panasonic
C3, C6, R4
3
0Ω Resistors (0402)
ERJ-2GE0R00X
Panasonic
J4
1
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
J5
1
CONN HEADER VERT SGL 3 X 1 POS GOLD
961103-6404-AR
3M
J1, J2, J3
3
Edge Launch SMA (0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
U1
1
AMP
F1421NLGK
IDT
1
Printed Circuit Board
F1420 EVKit REV 1
IDT
C2, C5
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com