Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3353 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL3353
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3353 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL3353 Datasheet HTML 4Page - Diodes Incorporated AL3353 Datasheet HTML 5Page - Diodes Incorporated AL3353 Datasheet HTML 6Page - Diodes Incorporated AL3353 Datasheet HTML 7Page - Diodes Incorporated AL3353 Datasheet HTML 8Page - Diodes Incorporated AL3353 Datasheet HTML 9Page - Diodes Incorporated AL3353 Datasheet HTML 10Page - Diodes Incorporated AL3353 Datasheet HTML 11Page - Diodes Incorporated AL3353 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL3353
Function Description (Cont.)
In Figure 2,
ΔI(n), ΔI(n+1) and ΔI(n+2) represent the inductor current increments when there is disturbance in the inductor current. And the
relationship of the inductor current increment can be calculated with Equation 2.
��
(
��+1)=����−����
����+����
∙Δ��
(
��) ………………………………………………………(2)
Where Sn is the slope of the inductor current when rising, Sf is the slope of the inductor current when falling and Se is the slope of control signal.
If the control signal has no compensation, the inductor current ramps up till slope reach the control signal, and then ramps down. If the PWM duty is
higher than 50%, the distribution will not be converged from duty to duty, and system runs into sub-harmonic oscillation. To avoid sub-harmonic
oscillation, a control compensation is needed and (Sf - Se) / (Sn + Se) should always be smaller than 1. For boost applications, the slopes Se, Sf
and Sn can be calculated with the equations below.
S
��=V����
∙���� ……………………………………………………………(3)
S
��=R������
∙(��������−������)/�� ……………………………………………………………(4)
S
��=
��������∙������/�� ……………………………………………………………(5)
Where Rsen is the current sense resistance and typical value of VSL is 100mV.
From the equations, the factor (Sf - Se) / (Sn + Se) will decrease if Se increases. When the duty cycle is greater than 50%, lower inductance can
also result in the factor increase. And for more flexibility, slope compensation amplitude can be increased by adding one external resistor, RSL, in
the CS path. Figure 3 shows the circuit setup. The externally generated slope compensation is then added to the internal slope compensation of the
AL3353. When using external slope compensation, the equation for Se becomes:
S
��=(V����+
����∙R����)∙���� ……………………………………………………………(6)
Where Is typical value is 50
µA.
AL3353
GATE
CS
RSL
RSen
Figure 3. Adding External Slope Compensation
It is a good design practice to only add as much slope compensation as needed to avoid sub-harmonic oscillation. Additional slope compensation
minimizes the influence of the sensed current in the control loop. With very large slope compensation, the control loop characteristics are similar to
a voltage mode regulator which compares the error voltage to a saw tooth waveform rather than the inductor current.
LED Open Protection
AL3353 shuts down the output if the output voltage is higher than the preset threshold level. When LED failure happens, the LED current and the
resulted voltage drop on sensing resistor is nearly zero; the converter will run at maximum duty cycle that boosts the output voltage to a very high
level. To prevent this from happening, the output voltage is monitored through the OVP pin and the converter is shut down if the output voltage
exceeds the preset level. This protection is latched and AL3353 can be reset from VIN or PWM.
LED Cathode Short to GND Protection
When the LED cathode is short to GND, the output voltage will increase to the OVP voltage and IC will turn off the GATE signal. However, in some
conditions, if the output power is limited by the OCP protection before the output voltage reaches the OVP voltage, the GATE will never be turned
off. In this case, large current goes through both the power MOSFET and Schottky diode, and leads to damages. To enhance safety, the AL3353
monitors the voltage on the COMP pin and latches the GATE signal if the COMP voltage is continuously greater than 3.2V for 37ms.
Diode & Inductor Short Protection
When the Schottky diode or the inductor is short, the current of the power MOSFET increases significantly, which would cause the MOSFET
damage if the IC continues working. AL3353 monitors the voltage on the CS pin cycle by cycle. If the CS pin voltage is greater than 1.2V (typical)
for continuous 17 cycles, the IC will latch and shut down the GATE output to prevent the MOSFET from permanent damage.
AL3353
Document number: DS41487 Rev. 2 - 2
8 of 15
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com