Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3353 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3353
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3353 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3353 Datasheet HTML 1Page - Diodes Incorporated AL3353 Datasheet HTML 2Page - Diodes Incorporated AL3353 Datasheet HTML 3Page - Diodes Incorporated AL3353 Datasheet HTML 4Page - Diodes Incorporated AL3353 Datasheet HTML 5Page - Diodes Incorporated AL3353 Datasheet HTML 6Page - Diodes Incorporated AL3353 Datasheet HTML 7Page - Diodes Incorporated AL3353 Datasheet HTML 8Page - Diodes Incorporated AL3353 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL3353
Typical Applications Circuit
D1
R3
C2
VIN
GATE
GND
CS
PWM
OVP
CMP
FB
L1
VIN
F1
EN
PWM
R1
C1
Q1
D2
C3
R2
R4
R5
R6
GND
Figure 1. Typical Application Schematic
Pin Descriptions
Pin Number
Pin Name
Function
1
VIN
Power Supply Input
2
GATE
Gate Drive Output
3
GND
Ground
4
CS
Current Sense Input
5
FB
LED Current Feedback
6
COMP
Boost Converter Loop Compensation
7
OVP
Overvoltage Protection Sense
8
PWM
PWM Signal Input for Analog Dimming Control
AL3353
Document number: DS41487 Rev. 2 - 2
2 of 15
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com