Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6279D8 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6279D8 Datasheet HTML 1Page - Micro Analog systems MAS6279D8 Datasheet HTML 2Page - Micro Analog systems MAS6279D8 Datasheet HTML 3Page - Micro Analog systems MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DA6279D8.001
26 September 2017
1 (12)
MAS6279D8
IC FOR 5.00
– 64.00 MHz VCTCXO
Fifth Order Compensation
Frequency Stability ± 0.10 ppm
Wide Frequency Range
Very Low Phase Noise
Minimum Operating
Temperature
–40 °C
EEPROM Selectable Output
Tri State Output
DESCRIPTION
The MAS6279D8 is an integrated circuit well suited
to build high end VCTCXO for telecommunication.
The trimming is done through a serial bus and the
calibration information is stored in an internal
EEPROM.
To build a VCTCXO only a crystal is required in
addition to MAS6279D8. The compensation method
is
fully analog,
working
continuously
without
generating any steps or other interference.
FEATURES
APPLICATIONS
Very small size
Minimal current consumption
Wide operating temperature range
Very low phase noise
Minimum operating temperature
–40 °C
Oscillator frequency output selectable by
EEPROM direct or fXTAL/2.
Output waveform selectable by EEPROM:
clipped sine wave or CMOS.
Possibility to use just a compensation part
(VC)TCXO for high end
telecommunications systems
(VC)TCXO for GPS
(VC)TCXO for Stratum
(VC)TCXO for Picocell
(VC)TCXO for Femtocell


Similar Part No. - MAS6279D8

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results

Similar Description - MAS6279D8

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
19.200 MHz VCTCXO
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com