Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6279D8WAB05 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6279D8WAB05
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8WAB05 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6279D8WAB05 Datasheet HTML 4Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 5Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 6Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 7Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 8Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 9Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 10Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 11Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DA6279D8.001
26 September 2017
8 (12)
PACKAGE (DFN-10 3x3x0.75) OUTLINE
D/2
SEATING
PLANE
SIDE VIEW
TOP VIEW
D2
D2/2
b
BOTTOM VIEW
D
e
PIN 1 MARK AREA
EXPOSED PAD
SHAPE OF PIN #1
IDENTIFICATION
IS OPTIONAL
L
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.700
0.750
0.800
mm
A1
0.000
0.020
0.050
mm
A3
0.178
---
0.228
mm
b
0.200
---
0.300
mm
D
2.950
3.000
3.050
mm
D2 (Exposed.pad)
2.500
---
2.700
mm
E
2.950
3.000
3.050
mm
E2 (Exposed.pad)
1.650
---
1.750
mm
e
0.500 BSC
mm
L
0.350
---
0.450
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com