Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6279D8WAB05 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6279D8WAB05
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8WAB05 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6279D8WAB05 Datasheet HTML 1Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 2Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 3Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 4Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 5Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 6Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 7Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 8Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DA6279D8.001
26 September 2017
1 (12)
MAS6279D8
IC FOR 5.00
– 64.00 MHz VCTCXO
•
Fifth Order Compensation
•
Frequency Stability ± 0.10 ppm
•
Wide Frequency Range
•
Very Low Phase Noise
•
Minimum Operating
Temperature
–40 °C
•
EEPROM Selectable Output
•
Tri State Output
DESCRIPTION
The MAS6279D8 is an integrated circuit well suited
to build high end VCTCXO for telecommunication.
The trimming is done through a serial bus and the
calibration information is stored in an internal
EEPROM.
To build a VCTCXO only a crystal is required in
addition to MAS6279D8. The compensation method
is
fully analog,
working
continuously
without
generating any steps or other interference.
FEATURES
APPLICATIONS
•
Very small size
•
Minimal current consumption
•
Wide operating temperature range
•
Very low phase noise
•
Minimum operating temperature
–40 °C
•
Oscillator frequency output selectable by
EEPROM direct or fXTAL/2.
•
Output waveform selectable by EEPROM:
clipped sine wave or CMOS.
•
Possibility to use just a compensation part
•
(VC)TCXO for high end
telecommunications systems
•
(VC)TCXO for GPS
•
(VC)TCXO for Stratum
•
(VC)TCXO for Picocell
•
(VC)TCXO for Femtocell


Similar Part No. - MAS6279D8WAB05

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results

Similar Description - MAS6279D8WAB05

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
19.200 MHz VCTCXO
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com