Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPT150 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # MTPT150
Description  Three-Phase Bridge Thyristor,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT150 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  MTPT150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.001
0.20
0.10
0
1
2000
1000
0
0.5
1.0
1000
100
10
max
0
150
200
150
100
50
0
50HZ
Single phase half wave
T
=25°C start
j
Per one element
0
Three phase
400
300
200
100
0
250
200
150
100
50
0
0
Fig.1 Power dissipation
Fig.2 Forward current derating curve
Fig.3 Transient thermal impedance
Fig.4 Max non-repetitive forward surge current
Fig.5 Forward characteristics
Fig.6 SCR power dissipation
100
50
100
10
1.0
0.1
0.01
100
10
2.0
1.5
2.5
150
10
0
5
0
Three phase
I (A)
D
T (°C)
c
t (S)
Cycles
V (V)
F
I (A)
F
Page 4 of 5
www.nellsemi.com
Zth(j-C)
RoHS
RoHS
Nell High Power Products
MTPT150 Series
5
0
100
150
T
=25°C
j



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com