Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPT150 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTPT150
Description  Three-Phase Bridge Thyristor,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT150 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTPT150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Three-phase bridge and a thyristor
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 470g (16.6 ozs)
150A
VRRM
800V to 1600V
1.4V/1.6V
20 µA
150ºC
I
/I
FSM TSM
IR
V /V
FM
TM
RoHS
RoHS
Three-Phase Bridge + Thyristor, 150A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
ADVANTAGE
TJ max.
1800A/1500A
MTPT15008 Thru MTPT15016
Isolation voltage up to 2500V
International standard package
+
-
R2
G
Applications
lnverter for AC or DC motor control
Current stablilzed power supply
Switching power supply
Page 1 of 5
www.nellsemi.com
MTPT150 Series
108
93
13.5
22
22
22
28
22
20
M4
6-M6
4
- 6.2
All dimensions in millimeters
+
-
R2
G
12
R
S
T
Glass passivated chip junction


Similar Part No. - MTPT150

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
UL recognition file number E320098
More results

Similar Description - MTPT150

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT100DT18L1 APTSEMI-MT100DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT150DT18L2 APTSEMI-MT150DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
logo
List of Unclassifed Man...
MSDT75 ETC2-MSDT75 Datasheet
304Kb / 5P
Three Phase Bridge Thyristor
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
Three Phase Bridge Thyristor
logo
Yangzhou yangjie electr...
MT75DT08L1 YANGJIE-MT75DT08L1 Datasheet
347Kb / 5P
Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
Three-Phase Bridge Thyristor,
NK60TP NELLSEMI-NK60TP_17 Datasheet
713Kb / 5P
Three-Phase Bridge Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com