Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1027607 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT 1027607 Datasheet HTML 10Page - PHOENIX CONTACT 1027607 Datasheet HTML 11Page - PHOENIX CONTACT 1027607 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1027607 DMCC 0,5/ 5-ST-2,54
REF 1027603
PHOENIX CONTACT
8 / 13
2018-12-14
Product version 00
Document revision 00
10
General tests
11
Mechanical tests
Specification
IEC 61984
Specification
IEC 60352-2
10.1
Specification
Result
Test passed
Specification
IEC 60512-16-4:2008-06
Conductor cross section/conductor type/tractive force setpoint/actual
value
0.14 mm² / flexible / > 18 N
0.75 mm² / flexible / > 85 N
11.1
Tensile strength of crimped connections
Result
Test passed
Specification
IEC 60512-16-8:2008-05
11.2
Insulating grip effectiveness (crimped connections)
Specification
IEC 61984:2008-10
Visual examination
Test passed
Specification
IEC 60512-1-1:2002-02
Dimensional test
Test passed
Specification
IEC 60512-1-2:2002-02
Resistance of marking
Test passed
Specification
IEC 60068-2-70:1995-12
Insertion and withdrawal force
Test passed
Specification
IEC 60512-13-2:2006-02
No. of cycles
100
Insertion strength per pos. approx.
2 N
Withdraw strength per pos. approx.
2 N
Polarization and coding
Test passed
Specification
IEC 60512-13-5:2006-02
Test force
20 N
Contact retention in insert
Test passed
Specification
IEC 60512-15-1:2008-05
Test force per pos.
20 N
11.3
Mechanical test group A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com