Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1027607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1027607
Description  DMCC 0,5/ 5-ST-2,54
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT 1027607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCB connector, Crimp connection
Order No.: 1027607
Type: DMCC 0,5/ 5-ST-2,54
Data sheet
1
Main features
2
Your advantages
 No. of pos.
5
 Nominal current
6 A
 Conductor cross section
0.75 mm²
 Nominal voltage
160 V
 Color
black (9005)
 Connection direction
0 °
 Pitch
2.54 mm
 Type of packaging
packed in cardboard
 Connection method
Crimp connection
Cost-effective connection of crimped conductors in large quantities
Gold-plated contacts ensure transfer quality remains stable over the long term
Contacts arranged in a double row enable high packing density in a compact area
Tools for manual and automatic crimping available as an option
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1027607
2018-12-14
Product version 00
The figure shows a 10-pos. version with 20 con-
tacts
Document revision 00


Similar Part No. - 1027607

ManufacturerPart #DatasheetDescription
logo
SICK AG
1027607 SICK-1027607 Datasheet
958Kb / 7P
LONG RANGE DISTANCE SENSORS
6100-6-2
logo
PHOENIX CONTACT
1027607 PHOENIX-1027607 Datasheet
86Kb / 8P
Accessories - MCC 0,5-MP AU 0,34-0,75
12/17/2019
More results

Similar Description - 1027607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027605 PHOENIX-1027605 Datasheet
809Kb / 13P
DMCC 0,5/ 3-ST-2,54
1027606 PHOENIX-1027606 Datasheet
940Kb / 13P
DMCC 0,5/ 4-ST-2,54
1027608 PHOENIX-1027608 Datasheet
1Mb / 13P
DMCC 0,5/ 6-ST-2,54
1027609 PHOENIX-1027609 Datasheet
1Mb / 13P
DMCC 0,5/ 7-ST-2,54
1027611 PHOENIX-1027611 Datasheet
1Mb / 13P
DMCC 0,5/ 9-ST-2,54
1027612 PHOENIX-1027612 Datasheet
1Mb / 13P
DMCC 0,5/10-ST-2,54
1027613 PHOENIX-1027613 Datasheet
1Mb / 13P
DMCC 0,5/11-ST-2,54
1027615 PHOENIX-1027615 Datasheet
2Mb / 13P
DMCC 0,5/13-ST-2,54
1027616 PHOENIX-1027616 Datasheet
2Mb / 13P
DMCC 0,5/14-ST-2,54
1027618 PHOENIX-1027618 Datasheet
2Mb / 13P
DMCC 0,5/16-ST-2,54
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com