Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6262 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6262
Description  DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6262 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6262 Datasheet HTML 17Page - OKI electronic componets MSM6262 Datasheet HTML 18Page - OKI electronic componets MSM6262 Datasheet HTML 19Page - OKI electronic componets MSM6262 Datasheet HTML 20Page - OKI electronic componets MSM6262 Datasheet HTML 21Page - OKI electronic componets MSM6262 Datasheet HTML 22Page - OKI electronic componets MSM6262 Datasheet HTML 23Page - OKI electronic componets MSM6262 Datasheet HTML 24Page - OKI electronic componets MSM6262 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
¡ Semiconductor
MSM6262-xx
21/52
When the display is shifted by an instruction, the relation between the DD RAM address and
the display position becomes as follows.
(4) Relation between the DD RAM and display position in 4-line display mode
1st line
2nd line
4F
CF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
00
80
01
81
02
82
03
83
04
84
05
85
06
86
07
87
08
88
09
89
0A
8A
0B
8B
0C
8C
0D
8D
0E
8E
Digit
MSM5839C (2)
MSM5259 (2) }
MSM5839C (1)
MSM5259 (1)
{ or
1st line
2nd line
01
81
02
82
03
83
04
84
05
85
06
86
07
87
08
88
09
89
0A
8A
0B
8B
0C
8C
0D
8D
0E
8E
0F
8F
10
90
(Shift to the left)
(Shift to the right)
1st line
2nd line
Digit
MSM5839C (2)
MSM5259 (2)
MSM5839C (1)
MSM5259 (1)
{ or
00
80
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
– – –
73 74
75 76 77 78
79 80
01
81
02
82
03
83
04
84
05
85
06
86
07
87
08
88
09
89
0A
8A
0B
8B
0C
8C
0D
8D
0E
8E
0F
8F
10
90
11
91
48
C8
49
C9
4A
CA
4B
CB
4C
CC
4D
CD
4E
CE
4F
CF
– – –
– – –
MSM5839C (3)-(9)
MSM5259 (3)-(9)
MSM5839C (10)
MSM5259 (10) }
1st line
2nd line
Digit
Display position
DD RAM address
(hexadecimal)
Note: The address of the last digit of the previous line and the first digit of the
next line does not have any continuity.
3rd line
4th line
12
3
4
5
39
40
00
40
80
C0
01
41
81
C1
02
42
82
C2
03
43
83
C3
04
44
84
C4
26
66
A6
E6
27
67
A7
E7
– – –
– – –
– – –
– – –
– – –
(3) The maximum DD RAM capacity of MSM6262-xx is for 160 characters. So, up to 10 pieces
of MSM5839C (or MSM5259) can be connected in the case of 2-line display mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com