Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6262 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM6262
Description  DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6262 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM6262 Datasheet HTML 22Page - OKI electronic componets MSM6262 Datasheet HTML 23Page - OKI electronic componets MSM6262 Datasheet HTML 24Page - OKI electronic componets MSM6262 Datasheet HTML 25Page - OKI electronic componets MSM6262 Datasheet HTML 26Page - OKI electronic componets MSM6262 Datasheet HTML 27Page - OKI electronic componets MSM6262 Datasheet HTML 28Page - OKI electronic componets MSM6262 Datasheet HTML 29Page - OKI electronic componets MSM6262 Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
¡ Semiconductor
MSM6262-xx
26/52
as the input data.
Since the ADC is automatically incremented or decremented by 1 after the writing of data
to the CG RAM, it is not necessary to set the CG RAM address again.
To enable cursor display, set all input data on the line where the CG RAM address is "0B"
or "1B" (hex.) to "L".
The addresses "0" to "B" (hexadecimal) in the bits 0 to 4 of the CG RAM data are output on
the LCD as the display data. However, the addresses "C" to "F" (hexadecimal) in the bits
0 to 4, and 5 to 7 of the CG RAM data are not output on the LCD. But these CG RAM data
can be used as the data RAM so that they can be written into or read out through DB0 to
DB7.
• A method to display the CG RAM character pattern on the LCD
First, an instruction to enable the CG RAM has to be input from the CPU. CG RAM is
selected only when all of the upper 4 bits of the character code is "L".
So, the character pattern of CG RAM is displayed on the LCD position corresponding to
the DD RAM address, when the character code shown in Table 2-2 is written into the DD
RAM.
Since bits 0, 2 and 3 of the character code are regarded as invalid, the character of "m" is
displayed when the character codes "00", "01", "04", "05", "08", "09", "0C" and "0D" are
selected.
(3) A method to read out the CG RAM data
First, set the CG RAM address by inputting a CG RAM address set instruction from the
CPU.
Then, execute the CG RAM/DD RAM data read instruction. The set data of CG RAM
address is output from the DB0 to DB7. The 8-bit data, read out from the MSM6262-xx,
corresponds to the data which is written into the CG RAM. Since the CG RAM address is
automatically incremented or decremented by 1, the CG RAM read out instruction c a n
be successfully input. It is necessary, however, to set the DD RAM at data transferring
condition by executing the DD RAM address set instruction after all of CG RAM data are
read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com