Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA320XTE/ST Datasheet(PDF) 21 Page - Microchip Technology

Part # 25AA320XTE/ST
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA320XTE/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button 25AA320XTE/ST Datasheet HTML 16Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 17Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 18Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 19Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 20Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 21Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 22Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 23Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2004 Microchip Technology Inc.
DS21227E-page 21
25AA320/25LC320/25C320
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
25LC320-I/SN: Industrial Temp.,
SOIC package
b)
25LC320T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
c)
25LC320-E/SN: Extended Temp.,
SOIC package
d)
25C320-I/SN: Industrial Temp.,
SOIC package
e)
25C320T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
f)
25C320-I/ST: Industrial Temp.,
TSSOP package
g)
25C320-E/SN: Extended Temp.,
SOIC package
Device:
25AA320:
32 Kbit 1.8V SPI Serial EEPROM
25AA320T:
32 Kbit 1.8V SPI Serial EEPROM
(Tape and Reel)
25AA320X
32-bit 1.8V SPI Serial EEPROM
in alternate pinout (ST only)
25AA320XT
32-bit 1.8V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
25LC320:
32 Kbit 2.5V SPI Serial EEPROM
25LC320T:
32 Kbit 2.5V SPI Serial EEPROM
(Tape and Reel)
25LC320X
32-bit 2.5V SPI Serial EEPROM
in alternate pinout (ST only)
25LC320XT
32-bit 2.5V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
25C320:
32 Kbit 5V SPI Serial EEPROM
25C320T:
32 Kbit 5V SPI Serial EEPROM
(Tape and Reel)
25C320X
32-bit 5V SPI Serial EEPROM
in alternate pinout (ST only)
25C320XT
32-bit 5V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body),
8-lead
ST
=
Plastic TSSOP (4.4 mm body),
8-lead
ST14 =
Plastic TSSOP (4.4 mm body),
14-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com