Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA320XTE/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 25AA320XTE/ST
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA320XTE/ST Datasheet(HTML) 1 Page - Microchip Technology

  25AA320XTE/ST Datasheet HTML 1Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 2Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 3Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 4Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 5Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 6Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 7Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 8Page - Microchip Technology 25AA320XTE/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2004 Microchip Technology Inc.
DS21227E-page 1
25AA320/25LC320/25C320
Device Selection Table
Features:
• Low-power CMOS technology:
- Write current: 3 mA maximum
- Read current: 500
µA typical
- Standby current: 500 nA typical
• 4096 x 8 bit organization
• 32 byte page
• Write cycle time: 5 ms maximum
• Self-timed erase and write cycles
• Block write protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in write protection:
- Power on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential read
• High reliability:
- Endurance: 1M E/W cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• 8-pin PDIP, SOIC and TSSOP packages
• 14-lead TSSOP package
• Temperature ranges supported:
Description:
The Microchip Technology Inc. 25AA320/25LC320/
25C320 (25XX320*) are 32 Kbit serial Electrically
Erasable PROMs. The memory is accessed via a
simple Serial Peripheral Interface (SPI™) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
25AA320
1.8-5.5V
1 MHz
I
25LC320
2.5-5.5V
2 MHz
I,E
25C320
4.5-5.5V
3 MHz
I,E
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
SI
SO
SCK
CS
HOLD
WP
Status
Register
I/O Control
Memory
Control
Logic
HV Generator
EEPROM
Array
Page
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
Latches
XDEC
TSSOP
PDIP, SOIC
TSSOP
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
NC
CS
SO
NC
WP
VSS
NC
NC
VCC
HOLD
NC
SCK
SI
NC
1
2
3
4
14
13
12
11
510
9
78
6
32K SPI™ Bus Serial EEPROM
*25XX320 is used in this document as a generic part number for the 25AA320/25LC320/25C320 devices.


Similar Part No. - 25AA320XTE/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA320XT MICROCHIP-25AA320XT Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320XT-E/P MICROCHIP-25AA320XT-E/P Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320XT-E/SN MICROCHIP-25AA320XT-E/SN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320XT-E/ST MICROCHIP-25AA320XT-E/ST Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320XT-E/ST14 MICROCHIP-25AA320XT-E/ST14 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
More results

Similar Description - 25AA320XTE/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
32K 5.0V SPI Bus Serial EEPROM
2004
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
32K 2.5V SPI Bus Serial EEPROM
1996
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
32K SPI Bus Serial EEPROM
2009
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
32K SPI Bus Serial EEPROM
07/12/04
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com