Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BWDW6T Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24256-BWDW6T
Description  256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BWDW6T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24256-BWDW6T Datasheet HTML 11Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 12Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 13Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 14Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 15Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 16Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 17Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 18Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
M24128-BW, M24128-BR, M24256-BW, M24256-BR
Table 11. Input Parameters
Note: 1. TA = 25°C, f = 400kHz
2. Sampled only, not 100% tested.
Table 12. DC Characteristics (M24128-BW, M24256-BW)
Table 13. DC Characteristics (M24128-BR, M24256-BR)
Symbol
Parameter1,2
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZL
Input Impedance (WC)
VIN < 0.3 VCC
30
k
Ω
ZH
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
Symbol
Parameter
Test Condition
(in addition to those in Table 8.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
VCC = 5V, fc=400kHz (rise/fall time < 30ns)
2mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 2.5V
2
µA
VIN = VSS or VCC , VCC = 5V
10
µA
VIL
Input Low Voltage (SCL, SDA)
–0.45
0.3VCC
V
VIH
Input High Voltage
(SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
Symbol
Parameter
Test Condition
(in addition to those in Table 9.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =1.8V, fc=100kHz (rise/fall time < 30ns)
0.8
mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 1.8 V
1µA
VIL
Input Low Voltage (SCL, SDA)
–0.45
0.3 VCC
V
Input Low Voltage
(E2, E1, E0, WC)
–0.45
0.5
V
VIH
Input High Voltage
(E2, E1, E0, SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com