Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BWDW6T Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24256-BWDW6T
Description  256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BWDW6T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24256-BWDW6T Datasheet HTML 12Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 13Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 14Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 15Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 16Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 17Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 18Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 19Page - STMicroelectronics M24256-BWDW6T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
M24128-BW, M24128-BR, M24256-BW, M24256-BR
16/25
Table 14. AC Characteristics ( M24128-BW, M24256-BW)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Test conditions specified in Table 8.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tCH1CH2
tR
Clock Rise Time
300
ns
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start
Condition
1300
ns
tW
tWR
Write Time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com