Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7566 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics TDA7566 Datasheet HTML 10Page - STMicroelectronics TDA7566 Datasheet HTML 11Page - STMicroelectronics TDA7566 Datasheet HTML 12Page - STMicroelectronics TDA7566 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
TDA7566
Figure 16. SVR and Output pin behaviour (CASE 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the current pulse top. The
acquisition time is 100 ms (typ.). No audible noise is generated in the process. As for SHORT TO GND / Vs the
fault-detection thresholds remain unchanged from 26 dB to 12 dB gain setting. They are as follows:
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies from 26 dB to 12 dB
gain setting, since different loads are expected (either normal speaker's impedance or high impedance). The
values in case of 26 dB gain are as follows:
If the Line-Driver mode (Gv= 12 dB and Line Driver Mode diagnostic = 1) is selected, the same thresholds will
change as follows:
Bias (power amp turn-on)
permitted time
Turn-on diagnostic
acquisition time (100mS Typ)
t
Read Data
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
Diagnostic Enable
(Turn-on)
Turn-on Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
Diagnostic Enable
(Permanent)
FAULT
event
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V
S.C. across Load
x
Open Load
0V
1.5
Ω
70
Ω
Infinite
x
Normal Operation
0.5
Ω
130
Ω
D01AU1254
D01AU1252
S.C. across Load
x
Open Load
0
Ω
4.5
Ω
200
Ω
infinite
x
Normal Operation
1.5
Ω
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com