Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7566 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7566 Datasheet HTML 9Page - STMicroelectronics TDA7566 Datasheet HTML 10Page - STMicroelectronics TDA7566 Datasheet HTML 11Page - STMicroelectronics TDA7566 Datasheet HTML 12Page - STMicroelectronics TDA7566 Datasheet HTML 13Page - STMicroelectronics TDA7566 Datasheet HTML 14Page - STMicroelectronics TDA7566 Datasheet HTML 15Page - STMicroelectronics TDA7566 Datasheet HTML 16Page - STMicroelectronics TDA7566 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
TDA7566
I2C BUS INTERFACE
Data transmission from microprocessor to the TDA7566 and viceversa takes place through the 2 wires I2C BUS inter-
face, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be connected).
Data Validity
As shown by fig. 20, the data on the SDA line must be stable during the high period of the clock.
The HIGH and LOW state of the data line can only change when the clock signal on the SCL line is LOW.
Start and Stop Conditions
As shown by fig. 21 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
Byte Format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transferred first.
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 22).
The receiver** the acknowledges has to pull-down (LOW) the SDA line during the acknowledge clock pulse, so
that the SDAline is stable LOW during this clock pulse.
* Transmitter
master (
µP) when it writes an address to the TDA7566
slave (TDA7566) when the
µP reads a data byte from TDA7566
** Receiver
slave (TDA7566) when the
µP writes an address to the TDA7566
master (
µP) when it reads a data byte from TDA7566
Figure 20. Data Validity on the I2C BUS
Figure 21.
Figure 22.
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com