Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64155AL Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM64155AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64155AL Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM64155AL Datasheet HTML 15Page - OKI electronic componets MSM64155AL Datasheet HTML 16Page - OKI electronic componets MSM64155AL Datasheet HTML 17Page - OKI electronic componets MSM64155AL Datasheet HTML 18Page - OKI electronic componets MSM64155AL Datasheet HTML 19Page - OKI electronic componets MSM64155AL Datasheet HTML 20Page - OKI electronic componets MSM64155AL Datasheet HTML 21Page - OKI electronic componets MSM64155AL Datasheet HTML 22Page - OKI electronic componets MSM64155AL Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MSM64155A/64155AL
¡ Semiconductor
19/26
ABSOLUTE MAXIMUM RATINGS
3.0 V Spec. (MSM64155AL)
Rating
Parameter
Power Supply Voltage 1
Power Supply Voltage 2
Power Supply Voltage 3
Power Supply Voltage 4
Input Voltage 1
(VDD = 0 V)
Symbol
Condition
Unit
Output Voltage 1
Output Voltage 2
Output Voltage 3
Storage Temperature
Input Voltage 2
VSS1
VSS2
VSS3
VSSL
VIN1
VOUT1
VOUT2
VOUT3
TSTG
VIN2
Ta = 25°C
Ta = 25°C
Ta = 25°C
Ta = 25°C
VSS2 input, Ta = 25°C
VSS2 output, Ta = 25°C
VSS3 output, Ta = 25°C
VSSL output, Ta = 25°C
VSSL input, Ta = 25°C
–2.0 to +0.3
–4.0 to +0.3
–5.5 to +0.3
–4.0 to +0.3
VSS2 – 0.3 to +0.3
VSS2 – 0.3 to +0.3
VSS3 – 0.3 to +0.3
VSSL – 0.3 to +0.3
–55 to +150
VSSL – 0.3 to +0.3
V
V
V
V
V
V
V
V
°C
V
—
RECOMMENDED OPERATING CONDITIONS
3.0 V Spec. (MSM64155AL)
Operating Temperature
Operating Voltage
Top
VSS2
–40 to +70
–3.5 to –2.5
°C
V
Crystal Oscillation Frequency
fXT
30 to 66
kHz
BUPF = "0"
BUPF = "1"
–3.5 to –2.0
—
Range
Parameter
(VDD = 0 V)
Symbol
Condition
Unit
—
External RC Oscillator Resistance
ROS
1 M ±10%
W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com