Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64155AL Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM64155AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64155AL Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM64155AL Datasheet HTML 9Page - OKI electronic componets MSM64155AL Datasheet HTML 10Page - OKI electronic componets MSM64155AL Datasheet HTML 11Page - OKI electronic componets MSM64155AL Datasheet HTML 12Page - OKI electronic componets MSM64155AL Datasheet HTML 13Page - OKI electronic componets MSM64155AL Datasheet HTML 14Page - OKI electronic componets MSM64155AL Datasheet HTML 15Page - OKI electronic componets MSM64155AL Datasheet HTML 16Page - OKI electronic componets MSM64155AL Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MSM64155A/64155AL
¡ Semiconductor
13/26
ELECTRICAL CHARACTERISTICS
1.5 V Spec. (MSM64155A)
DC Characteristics
Parameter
(VDD = 0 V, VSS1 = –1.5 V, Ta = –40 to +70°C unless otherwise specified.)
Symbol
Condition
Unit
Measuring
Circuit
Min. Typ. Max.
VSS2 Voltage
VSS2
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +60°C
BUPF = "0"
+100%
–20%
–3.2 –3.0 –2.8
V
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +70°C
BUPF = "0"
+100%
–20%
–3.2 –3.0 –2.7
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +60°C
BUPF = "1"
+100%
–20%
–3.2 –3.0 –2.5
Ca, Cb, C12 = 0.2 mF
Ta = –40 to +70°C
BUPF = "1"
+100%
–20%
–3.2 –3.0 –2.3
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +60°C
BUPF = "0"
+100%
–20%
–4.7 –4.5 –4.2
V
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +70°C
BUPF = "0"
+100%
–20%
–4.7 –4.5 –4.0
Ca, Cb, C12 = 0.1 mF
Ta = –40 to +60°C
BUPF = "1"
+100%
–20%
–4.7 –4.5 –3.9
Ca, Cb, C12 = 0.2 mF
Ta = –40 to +70°C
BUPF = "1"
+100%
–20%
–4.7 –4.5 –3.7
1
1'
VSS3 Voltage
VSS3
BUPF = "0"
–1.5 –1.3 –0.6
V
VSSL Voltage
VSSL
BUPF = "1"
–1.9 –1.3 –0.6
Oscillation start time:
within 5 seconds
—
— –1.45
V
Crystal Oscillation Start Voltage
VSTA
—
—
— –1.15
V
Crystal Oscillation Hold Voltage
VHOLD
—
10
—
30
pF
External Crystal Oscillator Capacitance
CG
—10
15
20
pF
Internal Crystal Oscillator Capacitance
CD
ROS = 1 MW
15
40
75
kHz
1'
RC Oscillation Frequency
fCR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com