Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP117NHG Datasheet(PDF) 3 Page - Solitron Devices Inc.

Part # SDP117NHG
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117NHG Datasheet(HTML) 3 Page - Solitron Devices Inc.

  SDP117NHG Datasheet HTML 1Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 2Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 3Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 4Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 5Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 6Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 7Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 8Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 9Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
3
DSCC FORM 2234
APR 97
1.2.4 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
N
See figure 1
3
Z-tab with nonisolated tab,
(TO-257Z), with glass seal
T
See figure 1
3
Flange mount with nonisolated tab,
(TO-257), with glass seal
U
See figure 1
3
Flange mount with isolated tab,
(TO-257), with glass seal
Z
See figure 1
3
Z-tab with isolated tab,
(TO-257Z), with glass seal
1.2.5 Lead finish. The lead finish shall be as specified in MIL-PRF-38534.
1.3 Absolute maximum ratings. 1/
Input-output voltage differential:
Device types 01 and 03 ......................................................40 V dc
Device type 02....................................................................60 V dc
Device type 04....................................................................50 V dc
Operating junction temperature range ...................................-55
C to +150C
Storage temperature ..............................................................-65
C to +150C
Lead temperature (soldering, 10 seconds).............................300
C
Power dissipation (PD) ...........................................................20 W
Thermal resistance, junction to case (
JC):
Cases N and T .................................................................3.5
C/W
Cases U and Z .................................................................4.2
C/W
Maximum output current (IMAX) ...............................................1.5 A
1.4 Recommended operating conditions.
Output voltage range:
Device type 01 .................................................................1.2 to 37 V dc
Device type 02 .................................................................1.2 to 57 V dc
Device type 03 .................................................................-1.2 to -37 V dc
Device type 04 .................................................................-1.2 to -47 V dc
Input voltage range:
Device type 01 .................................................................4.25 V dc to 41.25 V dc
Device type 03 .................................................................-4.25 V dc to -41.25 V dc
Device type 02 .................................................................4.25 V dc to 61.25 V dc
Device type 04 .................................................................-4.25 V dc to -51.25 V dc
Ambient operating temperature range (TA)..........................-55C to +125C
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at
the maximum levels may degrade performance and affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com