Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP117NHG Datasheet(PDF) 6 Page - Solitron Devices Inc.

Part # SDP117NHG
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117NHG Datasheet(HTML) 6 Page - Solitron Devices Inc.

Back Button SDP117NHG Datasheet HTML 2Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 3Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 4Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 5Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 6Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 7Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 8Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 9Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 10Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions
-55
C  T
A  +125C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Device types 01 and 02.
Reference voltage
VREF
VDIFF = 3.0 V
1
01,02
1.20
1.30
V
VDIFF = 3.3 V
2,3
1.20
1.30
VDIFF = 40 V
1,2,3
1.20
1.30
VDIFF = 60 V
1,2,3
02
1.20
1.30
Line regulation 1/
RLINE
VOUT = VREF,
3.0 V
 V
DIFF  40 V
1
01,02
9
mV
VOUT = VREF,
3.3 V
 V
DIFF  40 V
2,3
23
VOUT = VREF,
1
02
5
40 V
 V
DIFF  60 V
2,3
10
Load regulation 2/
RLOAD
VDIFF = 3 V,
10 mA
 I
L  1.5 A
1
01,02
15
mV
VDIFF = 3.3 V,
10 mA
 I
L  1.5 A
2,3
15
VDIFF = 40V,
10 mA
 I
L  300 mA
1
15
VDIFF = 40 V,
10 mA
 I
L  195 mA
2,3
15
VDIFF = 60 V,
10 mA
 I
L  30 mA
1,2,3
02
15
Thermal regulation
VRTH
VIN = 14.6 V, IL = 1.5 A,
PD = 20 watts, t = 20 ms,
TA = +25C
1
01,02
16
mV
Ripple rejection 3/
RN
f = 120 Hz, CADJ = 10 F,
VOUT = VREF
4,5,6
01
66
dB
f = 120 Hz, CADJ = 10 F,
VOUT = VREF, IOUT = 100 mA
02
66
Adjustment pin current
IADJ
VDIFF = 3.0 V
1
01,02
100
A
VDIFF = 3.3 V
2,3
100
VDIFF = 40 V
1,2,3
100
VDIFF = 60 V
1,2,3
02
100
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com