Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8205 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS8205
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8205 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

  FS8205 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FS8205
Rev. 1.9
6/6
10. Package Information
11. Revision History
Version
Date
Page
Description
1.0
2009/08/17
-
Version 1.0 released
1.1
2010/01/26
3
Rds25 TYP 28mohm MAX 36mohm
Rds45 TYP 22mohm MAX 26mohm
1.2
2010/06/02
3
Rds45 TYP 23mohm MAX 27mohm
1.3
2010/06/10
4
IDSS Test Conditions:VDS=16V VGS=0V
1.4
2010/08/31
3
Revise Pin Assignment
1.5
2010/04/27
4
Rds25 TYP:30mohm MAX:37mohm
Rds45 TYP:23mohm MAX:28mohm
VGS(th) MIN:0.45V MAX:1.2V
IGSS MAX:±0.1uA
1.6
2011/09/08
6
Revise Package Outline
1.7
2011/11/02
3
Revise Pin Assignment
1.8
2014/05/22
2
Revised company address
1.9
2016/08/22
3
Revise Package Marking Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com