Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8105GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8105GS
Description  5V/12V Synchronous Buck PWM DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8105GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8105GS Datasheet HTML 1Page - Richtek Technology Corporation RT8105GS Datasheet HTML 2Page - Richtek Technology Corporation RT8105GS Datasheet HTML 3Page - Richtek Technology Corporation RT8105GS Datasheet HTML 4Page - Richtek Technology Corporation RT8105GS Datasheet HTML 5Page - Richtek Technology Corporation RT8105GS Datasheet HTML 6Page - Richtek Technology Corporation RT8105GS Datasheet HTML 7Page - Richtek Technology Corporation RT8105GS Datasheet HTML 8Page - Richtek Technology Corporation RT8105GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RT8105
www.richtek.com
DS8105-03 April 2011
Electrical Characteristics
(VCC = 5V/12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -------------------------------------------------------------------------------------- 16V
BOOT to PHASE ------------------------------------------------------------------------------------------ 15V
UGATE to PHASE
DC-------------------------------------------------------------------------------------------------------------
−0.3V to (VBOOT-PHASE + 0.3V)
<20ns --------------------------------------------------------------------------------------------------------
−5V to (VBOOT-PHASE + 5V)
PHASE to GND
DC-------------------------------------------------------------------------------------------------------------
−0.5V to 15V
<20ns --------------------------------------------------------------------------------------------------------
−5V to 25V
LGATE to GND
DC-------------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
<20ns --------------------------------------------------------------------------------------------------------
−5V to (VCC + 5V)
Input, Output or I/O Voltage ----------------------------------------------------------------------------- GND-0.3V to 7V
Power Dissipation, PD @ TA = 25
°C (Note 2)
SOP-8 -------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance
SOP-8,
θJA -------------------------------------------------------------------------------------------------- 160°C/W
Junction Temperature ------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC -------------------------------------------------------------------------------------- 5V
± 5%,12V ± 10%
Junction Temperature Range ----------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------
−20°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IC Supply Voltage
VCC
4.75
--
13.2
V
Nominal Supply Current
ICC
UGATE and LGATE Open
--
6
15
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
3.8
4.1
4.35
V
Hysteresis
VCCHYS
0.35
0.5
--
V
Switcher Reference
Reference Voltage
VREF
VCC = 12V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC = 12V
250
300
350
kHz
Ramp Amplitude
ΔVOSC
VCC = 12V
--
1.5
--
VP-P
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com