Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8105GS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8105GS
Description  5V/12V Synchronous Buck PWM DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8105GS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8105GS Datasheet HTML 1Page - Richtek Technology Corporation RT8105GS Datasheet HTML 2Page - Richtek Technology Corporation RT8105GS Datasheet HTML 3Page - Richtek Technology Corporation RT8105GS Datasheet HTML 4Page - Richtek Technology Corporation RT8105GS Datasheet HTML 5Page - Richtek Technology Corporation RT8105GS Datasheet HTML 6Page - Richtek Technology Corporation RT8105GS Datasheet HTML 7Page - Richtek Technology Corporation RT8105GS Datasheet HTML 8Page - Richtek Technology Corporation RT8105GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
RT8105
DS8105-03 April 2011
www.richtek.com
Features
Operating with 5V or 12V Supply Voltage
Drives All Low Cost N-MOSFETs
Voltage Mode PWM Control
300kHz Fixed Frequency Oscillator
Fast Transient Response :
High-Speed GM Amplifier
Full 0 to 100% Duty Ratio
Internal Soft-Start
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on MOSFET, No Current
Sense Resistor Required
Full-Time Over Voltage Protection
RoHS Compliant and Halogen Free
5V/12V Synchronous Buck PWM DC/DC Controller
General Description
The RT8105 is a high efficiency synchronous buck PWM
controllers that generate logic-supply voltages in PC based
systems. These high performance , single output devices
include internal soft-start, frequency compensation
networks and integrates all of the control, output
adjustment, monitoring and protection functions into a
single package.
The device operating at fixed 300kHz frequency provides
an optimum compromise between efficiency, external
component size, and cost.
Adjustable over-current protection (OCP) monitors the
voltage drop across the RDS(ON) of the lower MOSFET for
synchronous buck PWM DC/DC controller. The over-
current function cycles the soft-start in 4-times hiccup
mode to provide fault protection, and in an always hiccup
mode for under-voltage protection.
Ordering Information
Applications
Graphic Card
Motherboard, Desktop Servers
IA Equipments
Telecomm Equipments
High Power DC/DC Regulators
Pin Configurations
(TOP VIEW)
SOP-8
PHASE
BOOT
UGATE
LGATE
GND
VCC
OPS
FB
2
3
4
5
8
7
6
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT8105
GSYMDNN
RT8105GS : Product Number
YMDNN : Date Code
RT8105GS
RT8105ZS : Product Number
YMDNN : Date Code
RT8105ZS
RT8105
ZSYMDNN
Package Type
S : SOP-8
RT8105
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8105GS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT810 LRC-RT810 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8105GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8101 RICHTEK-RT8101 Datasheet
251Kb / 15P
12V Synchronous Buck PWM DC-DC
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com