Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME280 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 5Page - Bosch Sensortec GmbH BME280 Datasheet HTML 6Page - Bosch Sensortec GmbH BME280 Datasheet HTML 7Page - Bosch Sensortec GmbH BME280 Datasheet HTML 8Page - Bosch Sensortec GmbH BME280 Datasheet HTML 9Page - Bosch Sensortec GmbH BME280 Datasheet HTML 10Page - Bosch Sensortec GmbH BME280 Datasheet HTML 11Page - Bosch Sensortec GmbH BME280 Datasheet HTML 12Page - Bosch Sensortec GmbH BME280 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
9 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
1.2 Humidity parameter specification
Table 2: Humidity parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating range1
RH
For temperatures
< 0 °C and > 60 °C
see Figure 1
-40
25
85
°C
0
100
%RH
Supply current
IDD,H
1 Hz forced mode,
humidity and
temperature
1.8
2.8
µA
Absolute accuracy
tolerance
AH
20…80 %RH,
25 °C, including
hysteresis
±3
%RH
Hysteresis2
HH
109010 %RH,
25 °C
±1
%RH
Nonlinearity3
NLH
1090 %RH, 25 °C
1
%RH
Response time to
complete 63% of step4
����63%
900 or 090 %RH,
25°C
1
s
Resolution
RH
0.008
%RH
Noise in humidity (RMS)
NH
Highest oversampling,
see chapter 3.6
0.02
%RH
Long term stability
Hstab
10…90 %RH, 25 °C
0.5
%RH/
year
1 When exceeding the operating range (e.g. for soldering), humidity sensing performance is temporarily degraded and
reconditioning is recommended as described in section 7.8. Operating range only for non-condensing environment.
2 For hysteresis measurement the sequence 103050709070503010 %RH is used. The hysteresis is defined as
the difference between measurements of the humidity up / down branch and the averaged curve of both branches
3 Non-linear contributions to the sensor data are corrected during the calculation of the relative humidity by the compensation
formulas described in section 4.2.3.
4 The air-flow in direction to the vent-hole of the device has to be dimensioned in a way that a sufficient air exchange inside to
outside will be possible. To observe effects on the response time-scale of the device an air-flow velocity of approx. 1 m/s is
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com