Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME280 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH BME280 Datasheet HTML 36Page - Bosch Sensortec GmbH BME280 Datasheet HTML 37Page - Bosch Sensortec GmbH BME280 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
34 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
6.3 SPI interface
The SPI interface is compatible with SPI mode ‘00’ (CPOL = CPHA = ‘0’) and mode ‘11’ (CPOL =
CPHA = ‘1’). The automatic selection between mode ‘00’ and ‘11’ is determined by the value of SCK
after the CSB falling edge.
The SPI interface has two modes: 4-wire and 3-wire. The protocol is the same for both. The 3-wire
mode is selected by setting ‘1’ to the register spi3w_en. The pad SDI is used as a data pad in 3-wire
mode.
The SPI interface uses the following pins:
CSB:
chip select, active low
SCK:
serial clock
SDI:
serial data input; data input/output in 3-wire mode
SDO: serial data output; hi-Z in 3-wire mode
Refer to chapter 7 for connection instructions.
CSB is active low and has an integrated pull-up resistor. Data on SDI is latched by the device at SCK
rising edge and SDO is changed at SCK falling edge. Communication starts when CSB goes to low
and stops when CSB goes to high; during these transitions on CSB, SCK must be stable. The SPI
protocol is shown in Figure 11. For timing details, please review Table 34.
CSB
SCK
SDI
RW
AD6
AD5
AD4
AD3
AD2
AD1
AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
SDO
DO5
DO4
DO3
DO2
DO1
DO0
DO7
DO6
tri-state
Figure 11: SPI protocol (shown for mode ‘11’ in 4-wire configuration)
In SPI mode, only 7 bits of the register addresses are used; the MSB of register address is not used
and replaced by a read/write bit (RW = ‘0’ for write and RW = ‘1’ for read).
Example: address 0xF7 is accessed by using SPI register address 0x77. For write access, the byte
0x77 is transferred, for read access, the byte 0xF7 is transferred.
6.3.1
SPI write
Writing is done by lowering CSB and sending pairs control bytes and register data. The control bytes
consist of the SPI register address (= full register address without bit 7) and the write command (bit7 =
RW = ‘0’). Several pairs can be written without raising CSB. The transaction is ended by a raising
CSB. The SPI write protocol is depicted in Figure 12.
Start
RW
RW
Stop
0
1
1
1
0
1
0
0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
1
1
1
0
1
0
1
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Control byte
CSB
=
1
Data byte
Register address (F5h)
Data register - adress F5h
Register address (F4h)
CSB
=
0
Control byte
Data byte
Data register - address F4h
Figure 12: SPI multiple byte write (not auto-incremented)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com