Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8200SGL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD8200SGL
Description  USB Type-C Current Advertisement Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8200SGL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD8200SGL Datasheet HTML 1Page - Leadtrend Technology LD8200SGL Datasheet HTML 2Page - Leadtrend Technology LD8200SGL Datasheet HTML 3Page - Leadtrend Technology LD8200SGL Datasheet HTML 4Page - Leadtrend Technology LD8200SGL Datasheet HTML 5Page - Leadtrend Technology LD8200SGL Datasheet HTML 6Page - Leadtrend Technology LD8200SGL Datasheet HTML 7Page - Leadtrend Technology LD8200SGL Datasheet HTML 8Page - Leadtrend Technology LD8200SGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LD8200S
09/29/2016
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8200S-DS-01 September 2016
Absolute Maximum Ratings
VCC
-0.3V ~ 23V
CC1,CC2,P_CTL
-0.3V ~ VCC-0.3V
ISEL
-0.3V ~ 6V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C ~ 150C
Package Thermal Resistance (SOT-26,
JA)
200
C/W
Power Dissipation (SOT-26, Tj=125
oC, Ta=85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (CC1,CC2)
4.0KV
ESD Voltage Protection, Machine Model (CC1,CC2)
400V
ESD Voltage Protection, Human Body Model (Others)
2.5KV
ESD Voltage Protection, Machine Model (Others)
250V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
VCC Operation Range
3.5
20
V
Operating Junction Temperature
-40
125
C
CC pin Capacitor
--
470
pF
Note:
1.
It’s suggest to connect VCC pin with a SMD ceramic capacitor (0.47
F~4.7F) to
filter out the undesired switching noise for stable operation. This capacitor should be
placed close to IC pin as possible
2.
It’s essential to connect VCC pin with a SMD ceramic capacitor and TVS to prevent
the ESD destroy.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com