Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8200SGL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD8200SGL
Description  USB Type-C Current Advertisement Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8200SGL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD8200SGL Datasheet HTML 1Page - Leadtrend Technology LD8200SGL Datasheet HTML 2Page - Leadtrend Technology LD8200SGL Datasheet HTML 3Page - Leadtrend Technology LD8200SGL Datasheet HTML 4Page - Leadtrend Technology LD8200SGL Datasheet HTML 5Page - Leadtrend Technology LD8200SGL Datasheet HTML 6Page - Leadtrend Technology LD8200SGL Datasheet HTML 7Page - Leadtrend Technology LD8200SGL Datasheet HTML 8Page - Leadtrend Technology LD8200SGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LD8200S
09/29/2016
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8200S-DS-01 September 2016
USB Type-C Current Advertisement Controller
REV. 01
General Description
The LD8200S provides an uncomplicated solution
for USB type-C DFP host Current advertisement. It is
advertised VBUS current mode as default, medium or
high depending on the ISEL pin resistor setting and used
the USB type-C ports with the configuration channel (CC1
and CC2) to notice Type-C UFP device. Then the device
control external blocking MOSFET to determine a
successful attach of UFP device.
The LD8200S operates over a wide supply range
and has low power consumption. It is available in the
SOT-26 package to minimize the PCB size as well as
component count and cost.
Features
USB type-C Downstream facing port(DFP)
Support up to 3A/1.5A of current Advertisement
Low Quiescent Current
VCC Operation Range : 3.5V~20V
External Blocking MOSFET Control
SOT-26 Package
Applications
Mobile Phone Type-C Adaptor
USB Type-C Charger
Typical Application
PSR
Controller
(Latch/Auto)
VCC
CC1
ISEL
CC2
LD8200S
Rd 5.1K
Cable
GND
P_CTL
VBUS
CC1
CC2
GND


Similar Part No. - LD8200SGL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8200A LEADTREND-LD8200A Datasheet
657Kb / 1P
USB Type-C Current Advertisement Controller
REV. 00
LD8200AGL LEADTREND-LD8200AGL Datasheet
657Kb / 1P
USB Type-C Current Advertisement Controller
REV. 00
More results

Similar Description - LD8200SGL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A56MWV-Z ROHM-BM92A56MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
BM92A70MWV-Z ROHM-BM92A70MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com