Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-HC1 Datasheet(PDF) 5 Page - RFbeam Microwave GmbH

Part # K-HC1
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-HC1 Datasheet(HTML) 5 Page - RFbeam Microwave GmbH

  K-HC1 Datasheet HTML 1Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 2Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 3Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 4Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 5Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 6Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 7Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K-HC1 RADAR TRANSCEIVER
Datasheet
Store to EEPROM
Actual settings will be stored permanently in K-HC1.
Enter Bootloader
This function is for reloading th K-HC1 firmware. Do not use this function without prior contacting
RFbeam.
Connectors and Pin Configuration
Please refer to Fig. 4 below for locating the connectors.
Refer to chapter Characteristics for description of signals and levels.
IF Out, MOD, PLL
Type: MMCX plug
Distributor example: Farnell/Newark #1056316
Cable: MMCX/MMCX Distributor example: Farnell/Newark #1756021
I/Q Out
Housing:
JST PHR-6
Farnell/Newark #3616228
Contacts:
JST BPH-002T-P0.5S
Farnell/Newark #3617210
(Module Side: JST S6B-PH-SM4-TB(LF)(SN), 6-pin, 2mm)
Pin
Description
Typical Value
1
AM Output
.3VDC + IF DC level
2
Doppler Output I
2.5V + Doppler AC
3
--
Not connected
4
Doppler Output Q
2.5V + Doppler AC
5
--
Not connected
6
GND
Signal Ground
Fig. 3: Pinning of I/Q Out Connector
USB
Type: Mini B
DC In
Type: DC power plug KobiConn 1771-3218-EX, Distributor example Mouser #1771-3218-EX,
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com